Electronic Components Datasheet Search
  English  ▼

X  

MP86920 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP86920
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86920 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP86920 Datasheet HTML 7Page - Monolithic Power Systems MP86920 Datasheet HTML 8Page - Monolithic Power Systems MP86920 Datasheet HTML 9Page - Monolithic Power Systems MP86920 Datasheet HTML 10Page - Monolithic Power Systems MP86920 Datasheet HTML 11Page - Monolithic Power Systems MP86920 Datasheet HTML 12Page - Monolithic Power Systems MP86920 Datasheet HTML 13Page - Monolithic Power Systems MP86920 Datasheet HTML 14Page - Monolithic Power Systems MP86920 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP86920
– 16V, INTELLI-PHASETM SOLUTION IN LGA-27 (4mmx5mm) PACKAGE
MP86920 Rev. 1.0
www.MonolithicPower.com
11
12/22/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
sinking small currents. This provides a sufficient
voltage level to meet the required operating
voltage range.
Figure 2 shows the typical circuit diagram for
the CS pin connection to achieve a differential
voltage source proportional to the inductor
current.
VCS
SW
PWM
Intelli-Phase
TM
PWM
IL
VIN
VIN
GND
CS
RCS
VCM
ICS
Figure 2: Typical Circuit Diagram for CS Pin
Connection
Choose a value for RCS such that VCS stays
within its operating range. This relationship can
be calculated with Equation (1):
CS
CS
CM
0.8V
I
R
V
2.0V
(1)
Where VCM is the reference voltage connected
to RCS, and ICS is the current on the CS pin,
estimated with Equation (2):
CS
L
CS
I
I
G

(2)
The Intelli-
Phase’sTM current-sense output can
be used by the controller to accurately monitor
the output current. The cycle-by-cycle current
information from the CS pin can be used for
phase
current
balancing,
over-current
protection,
and
active
voltage
positioning
(output voltage droop).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com