Electronic Components Datasheet Search
  English  ▼

X  

MP86920 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP86920
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86920 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP86920 Datasheet HTML 3Page - Monolithic Power Systems MP86920 Datasheet HTML 4Page - Monolithic Power Systems MP86920 Datasheet HTML 5Page - Monolithic Power Systems MP86920 Datasheet HTML 6Page - Monolithic Power Systems MP86920 Datasheet HTML 7Page - Monolithic Power Systems MP86920 Datasheet HTML 8Page - Monolithic Power Systems MP86920 Datasheet HTML 9Page - Monolithic Power Systems MP86920 Datasheet HTML 10Page - Monolithic Power Systems MP86920 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP86920
– 16V, INTELLI-PHASETM SOLUTION IN LGA-27 (4mmx5mm) PACKAGE
MP86920 Rev. 1.0
www.MonolithicPower.com
7
12/22/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
3.5
4
80
82
84
86
88
90
92
94
96
98
0
5
10
15
20
LOAD CURRENT (A)
Efficiency vs. Load Current
VIN = 12V, fSW= 800kHz, 150nH
Vout=1.8V
Vout=1.0V
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
LOAD CURRENT (A)
Case Temperature Rise vs.
Load Current
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
0
50
100
150
TEMPERATURE (°C)
EN High Threshold vs.
Temperature
EN_HI_rising
EN_HI_falling
1.8
1.9
2
2.1
2.2
2.3
-50
0
50
100
150
TEMPERATURE ( C)
PWM High Threshold vs.
Temperature
PWM_HI_Rising
PWM_HI_Falling
0.5
0.7
0.9
1.1
1.3
1.5
-50
0
50
100
150
TEMPERATURE ( C)
PWM Low Threshold vs.
Temperature
PWM_LO_Rising
PWM_LO_Falling
2.5
2.6
2.7
2.8
2.9
3
-50
0
50
100
150
TEMPERATURE ( C)
VDD UVLO Threshold vs.
Temperature
VDD rising
VDD falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com