Electronic Components Datasheet Search
  English  ▼

X  

MP86920 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP86920
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86920 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP86920 Datasheet HTML 1Page - Monolithic Power Systems MP86920 Datasheet HTML 2Page - Monolithic Power Systems MP86920 Datasheet HTML 3Page - Monolithic Power Systems MP86920 Datasheet HTML 4Page - Monolithic Power Systems MP86920 Datasheet HTML 5Page - Monolithic Power Systems MP86920 Datasheet HTML 6Page - Monolithic Power Systems MP86920 Datasheet HTML 7Page - Monolithic Power Systems MP86920 Datasheet HTML 8Page - Monolithic Power Systems MP86920 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MP86920
– 16V, INTELLI-PHASETM SOLUTION IN LGA-27 (4mmx5mm) PACKAGE
MP86920 Rev. 1.0
www.MonolithicPower.com
5
12/22/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VDRV = VDD = EN = 3.3V, TA = 25°C for typical values, TJ = -40°C to +125°C for
maximum and minimum values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
VIN under-voltage lockout rising
threshold
4.1
4.5
V
VIN under-voltage lockout
threshold hysteresis
380
mV
VIN quiescent current in standby
mode
IIN STBY
PWM = Hi-Z, EN = low,
VIN = 4.5V to 16V
5
μA
IVDRV quiescent current in active
mode
IDRV_
QUIESCENT
PWM = low, no switching,
EN = high
3.5
mA
IVDRV quiescent current in standby
mode
IDRV_STBY
EN = low
30
μA
VDD voltage UVLO rising
threshold
2.4
2.7
2.95
V
VDD voltage UVLO hysteresis
200
mV
High-side current limit (4)
ILIM_FLT
50
A
High-side current limit shutdown
counter (4)
4
times
Low-side current limit (4)
-15
A
Low-side off time with negative
current limit (4)
40
ns
Dead time rising (4)
3
ns
Dead time falling (4)
Positive inductor current
8
ns
Negative inductor current
40
ns
EN input high voltage
2.30
V
EN input low voltage
0.8
V
PWM high to SW rising delay (4)
tRISING
20
ns
PWM low to SW falling delay (4)
tFALLING
20
ns
PWM tri-state to SW Hi-Z delay (4)
tLT
50
ns
tTL
50
ns
tTH
50
ns
tHT
50
ns
Minimum SW pulse width (4)
30
ns
CS sense gain accuracy
5
A ≤ ISW ≤ 20A
-2
0
+2
%
CS sense gain
10
μA/A
CS offset
ISW = 0A
-7
0
7
μA
SW = Hi-Z
-2
0
2
μA
CS common mode voltage range
VCS_COM
0.8
2
V
TMON/FLT sense gain (4)
8
mV/°C
TMON/FLT sense offset (4)
TJ = 25°C
800
mV
TMON/FLT sense voltage range
(4)
TJ = 150°C
1.8
V
TJ = 100°C
1.4
V
TJ = 25°C
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com