Electronic Components Datasheet Search
  English  ▼

X  

MP86920 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP86920
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86920 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP86920 Datasheet HTML 6Page - Monolithic Power Systems MP86920 Datasheet HTML 7Page - Monolithic Power Systems MP86920 Datasheet HTML 8Page - Monolithic Power Systems MP86920 Datasheet HTML 9Page - Monolithic Power Systems MP86920 Datasheet HTML 10Page - Monolithic Power Systems MP86920 Datasheet HTML 11Page - Monolithic Power Systems MP86920 Datasheet HTML 12Page - Monolithic Power Systems MP86920 Datasheet HTML 13Page - Monolithic Power Systems MP86920 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP86920
– 16V, INTELLI-PHASETM SOLUTION IN LGA-27 (4mmx5mm) PACKAGE
MP86920 Rev. 1.0
www.MonolithicPower.com
10
12/22/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP86920 is a 20A, monolithic half-bridge
driver with MOSFETs. It is well-suited for multi-
phase buck regulators. When the VIN, VDD
signals are sufficiently high, operation begins.
PWM
The PWM input pin is capable of tri-state input.
When the PWM input signal is within the tri-
state threshold window for about 50ns (tHT or
tLT), the high-side MOSFET (HS-FET) turns off
immediately. The low-side MOSFET (LS-FET)
enters diode emulation mode, and stays on until
zero-current detection (ZCD).
The tri-state PWM input is enabled by forcing a
middle-voltage PWM signal, or by floating the
PWM input. The internal current source charges
the signal to a middle voltage. See the PWM
Timing Diagram on page 6 to define the
propagation delay from PWM to the SW node.
Diode Emulation Mode
When PWM is in tri-state input in diode
emulation mode, the LS-FET turns on when the
inductor current is positive. The LS-FET turns
off if the inductor current reaches 0A. Diode
emulation mode can be enabled by floating the
PWM pin or driving it to a middle state.
Positive and Negative Inductor Current Limit
If an over-current (OC) condition is detected on
the HS-FET for four consecutive cycles, the
HS-FET latches off, and TMON/FLT is pulled to
3.3V. The LS-FET turns on, and stays on until
ZCD. To release the latch and restart the
device, cycle the power on VIN or VDD, or
toggle EN.
If the LS-FET detects a -15A current, the part
turns off the LS-FET for 40ns to limit the
negative
current.
The
LS-
FET’s negative
current limit does not trigger a fault report.
Over-Temperature Protection (OTP)
If the junction temperature reaches the over-
temperature
(OT)
threshold,
the
HS-FET
latches off, and TMON/FLT is pulled to 3.3V.
The LS-FET turns on, and stays on until ZCD.
Temperature-Sense
Output
with
Fault
Indicator (TMON/FLT)
The TMON/FLT pin can sense the junction
temperature or indicate if certain faults have
occurred.
Junction Temperature Sense
When VDD exceeds its under-voltage lockout
(UVLO) threshold and the part is in active
mode, the TMON/FLT pin has an output voltage
that is proportional to the junction temperature.
The gain is 8mV/°C, and it has a 800mV offset
at 25°C (e.g. the voltage is 0.8V when TJ =
25°C, and 1.4V when TJ = 100°C).
Fault Function
If a fault occurs, the TMON/FLT pin is pulled to
VDD to report the fault, regardless of the
temperature. TMON/FLT monitors three fault
events, described below:
1. Over-current limit: The current limit fault
condition must remain for four consecutive
cycles to trigger this fault. If this fault occurs,
the part latches off to turn off the HS-FET.
The LS-FET turns on and stays on until the
current reaches 0A.
2. Over-temperature fault when TJ > 160°C: If
an over-temperature fault occurs, the part
latches off, and the HS-FET turns off. The
LS-FET turns on and stays on until the
current reaches 0A.
3. SW-to-PGND short: If a short fault occurs,
the part latches off to turn off the HS-FET.
The fault latch is not reset by entering standby
mode. The fault latch is released by cycling the
power on VIN or VDD.
Current Sense (CS)
The CS pin is a bidirectional current source that
is proportional to the inductor current. The
current-sense
gain is 10μA/A. If required, a
resistor can be used to configure the voltage
gain proportional to the inductor current
The CS voltage must range between 0.8V and
2.0V
to keep CS’s output current linearly
proportional to the inductor current. In general,
there is a resistor (RCS) connected from the CS
pin to an external voltage that is capable of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com