Electronic Components Datasheet Search
  English  ▼

X  

MP86920 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP86920
Description  Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86920 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP86920 Datasheet HTML 1Page - Monolithic Power Systems MP86920 Datasheet HTML 2Page - Monolithic Power Systems MP86920 Datasheet HTML 3Page - Monolithic Power Systems MP86920 Datasheet HTML 4Page - Monolithic Power Systems MP86920 Datasheet HTML 5Page - Monolithic Power Systems MP86920 Datasheet HTML 6Page - Monolithic Power Systems MP86920 Datasheet HTML 7Page - Monolithic Power Systems MP86920 Datasheet HTML 8Page - Monolithic Power Systems MP86920 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP86920
– 16V, INTELLI-PHASETM SOLUTION IN LGA-27 (4mmx5mm) PACKAGE
MP86920 Rev. 1.0
www.MonolithicPower.com
3
12/22/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
TMON/FLT Single-pin temperature sense and fault reporting.
2, 23
AGND
Analog ground. Connect AGND to the PGND plane at the VDD decoupling
capacitor.
3
VDD
3.3V supply for internal circuitry. Decouple VDD with 1µF (or higher) ceramic
capacitor connected to AGND.
4
VDRV
Driver voltage. Connect VDRV to a 3.3V supply. Decouple this pin with a
1μF to
4.7μF ceramic capacitor.
5, 24, 27
NC
No connection.
6, 7, 13, 14,
15, 26
PGND
Power ground. Place multiple vias on the inner solid ground layers to minimize
parasitic impedance and thermal resistance.
8, 9, 10, 11,
12
SW
Switch output.
16, 17, 18
VIN
Supply voltage. Place an input capacitor (CIN) on VIN. Place the capacitor close to
the device to support the switching current and reduce voltage spikes at the input.
19
PHASE
Switching node for bootstrap capacitor connection. The PHASE pin is internally
connected to SW.
20
BST
Bootstrap. BST requires
a 0.1µF to 1µF capacitor to drive the power switch’s gate
above the supply voltage. Connect the capacitor between the PHASE and BST pins
to form a floating supply across the power switch driver.
21
PWM
Pulse-width modulation input. Float the PWM pin or drive it to a middle-state
voltage to enable diode emulation mode.
22
EN
Enable. Pull EN low to disable the device and place SW in a high-impedance state.
25
CS
Current-sense output. Connect an external resistor to the CS pin to adjust the
voltage proportional to the inductor current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com