Electronic Components Datasheet Search
  English  ▼

X  

MCP98244 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP98244 Datasheet HTML 30Page - Microchip Technology MCP98244 Datasheet HTML 31Page - Microchip Technology MCP98244 Datasheet HTML 32Page - Microchip Technology MCP98244 Datasheet HTML 33Page - Microchip Technology MCP98244 Datasheet HTML 34Page - Microchip Technology MCP98244 Datasheet HTML 35Page - Microchip Technology MCP98244 Datasheet HTML 36Page - Microchip Technology MCP98244 Datasheet HTML 37Page - Microchip Technology MCP98244 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MCP98244
DS20002327D-page 34
 2012-2022 Microchip Technology Inc. and its subsidiaries
5.3.4
WRITE PROTECTION
The MCP98244 has a Software Write-Protect (SWP)
feature that allows a 128-byte block to be write-pro-
tected. There are four 128-byte blocks. Each block is
write protected individually. The write-protected area
can be cleared by sending Clear Write Protect (CWP)
commands for each block.
To access write protection, the device address code of
the Address Byte is set to ‘0110’ instead of ‘1010’. In
this mode, the Client Address pins are ignored. Once
the device is write protected it will not acknowledge any
write commands to the protected block. Table 5-5
shows the corresponding Address Bytes for the
write-protect feature.
5.3.4.1
SWP/RPS
The SWP (Software Write Protect) feature is invoked
by writing a command byte as shown on Table 5-5. It
can be cleared using the CWP command. In this mode,
the Client Address pins are ignored. A high voltage VHV
needs to be applied to the A0 pin. RPS (Read Protec-
tion Status) can be executed to read protection status.
5.3.4.2
CWP (Clear Write Protect)
The CWP feature is invoked by writing clear write-pro-
tect command. A high voltage VHV needs to be applied
to the A0 pin and once the command is executed
bank/Page 0 and bank/Page 1 are cleared. Table 5-5
shows the bit configuration.
TABLE 5-5:
DEVICE CLIENT ADDRESS DURING WRITE PROTECTION (SWP/CWP)
FIGURE 5-13:
Timing Diagram for Setting Software Write Protect (See Section 4.0 “Serial
Communication”).
EEPROM Function
Operation
Address Byte 23
A0 PIN Voltage
Address
Code 2
Client Address 1, 2
R/W
A2
A1
A0
SWP0/RPS0 — Bank/Page 0, Block 0
00h to 7Fh
SWP0  WRITE
0110
0
0
1
0
VHV
RPS0  READ 4
1
VDD, VSS, VHV
SWP1/RPS1 — Bank/Page 0, Block 1
80h to FFh
SWP1  WRITE
0110
1
0
0
0
VHV
RPS1  READ 4
1
VDD, VSS, VHV
SWP2/RPS2 — Bank/Page 1, Block 2
00h to 7Fh
SWP2  WRITE
0110
1
0
1
0
VHV
RPS2  READ 4
1
VDD, VSS, VHV
SWP3/RPS3 — Bank/Page 1, Block 3
80h to FFh
SWP3  WRITE
0110
0
0
0
0
VHV
RPS3  READ 4
1
VDD, VSS, VHV
CWP (Clear all Pages)
WRITE
0110
0
1
1
0
VHV
Note 1: The client address bits for each block are not binary increments for compatibility.
2: For Address Code <0110> the A0, A1, A2 states are ignored.
3: All address bytes, other than those indicated below, are ignored by the device.
4: The device will NAK if protected and ACK if it is unprotected.
SDA
A
C
K
01
1
0
A
C
K
S
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
Address Byte
W
MCP98244
MCP98244
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98244
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com