Electronic Components Datasheet Search
  English  ▼

X  

MCP98244 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP98244
Description  DDR4 DIMM Temperature Sensor with EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98244 Datasheet(HTML) 5 Page - Microchip Technology

  MCP98244 Datasheet HTML 1Page - Microchip Technology MCP98244 Datasheet HTML 2Page - Microchip Technology MCP98244 Datasheet HTML 3Page - Microchip Technology MCP98244 Datasheet HTML 4Page - Microchip Technology MCP98244 Datasheet HTML 5Page - Microchip Technology MCP98244 Datasheet HTML 6Page - Microchip Technology MCP98244 Datasheet HTML 7Page - Microchip Technology MCP98244 Datasheet HTML 8Page - Microchip Technology MCP98244 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002327D-page 5
MCP98244
TIMING DIAGRAM
SERIAL INTERFACE TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, GND = Ground, TA = -40°C to +125°C, and CL = 80 pF
(Note 1).
VDD= 1.7V to 3.6V
VDD= 2.2V to 3.6V
100 kHz
400 kHz
1000 KHz
Parameters
Sym
Min
Max
Min
Max
Min
Max
Units
2-Wire I2C Interface
Serial port frequency (Note 2, 4)fSCL
10
100
10
400
10
1000
kHz
Low Clock (Note 2)tLOW
4700
—
1300
—
500
—
ns
High Clock
tHIGH
4000
—
600
—
260
—
ns
Rise time (Note 5)tR
—
1000
20
300
—
120
ns
Fall time (Note 5)tF
20
300
20
300
—
120
ns
Data in Setup time (Note 3)
tSU:DAT
250
—
100
—50
—
ns
Data in Hold time (Note 6)tHD:DI
0—
0
—0
—
ns
Data out Hold time (Note 4)tHD:DO
200
900
200
900
0
350
ns
Start Condition Setup time
tSU:STA
4700
—
600
—
260
—
ns
Start Condition Hold time
tHD:STA
4000
—
600
—
260
—
ns
Stop Condition Setup time
tSU:STO
4000
—
600
—
260
—
ns
Bus Idle/Free
tB-FREE
4700
—
1300
—
500
—
ns
Time out
tOUT
25
35
25
35
25
35
ms
Bus Capacitive load
Cb
——
—
400
—
100
pf
Note 1: All values referred to VIL MAX and VIH MIN levels.
2: If tLOW > tOUT, the temperature sensor I2C interface will time out. A Repeat Start command is required for
communication.
3: This device can be used in a Standard-mode I2C-bus system, but the requirement tSU:DAT  250 ns must
be met. This device does not stretch SCL Low period. It outputs the next data bit to the SDA line within
tRMAX + tSU:DAT MIN = 1000 ns + 250 ns = 1250 ns (according to the Standard-mode I2C-bus specification)
before the SCL line is released.
4: As a transmitter, the device provides internal minimum delay time tHD:DAT MIN to bridge the undefined
region (min. 200 ns) of the falling edge of SCL tF MAX to avoid unintended generation of Start or Stop
conditions.
5: Characterized but not production tested.
6: As a receiver, SDA should not be sampled at the falling edge of SCL. SDA can transition tHD:DI 0 ns after
SCL toggles Low.
Start Condition
Data Transmission
Stop Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com