Electronic Components Datasheet Search
  English  ▼

X  

STE10A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 1 Page - STMicroelectronics

  STE10A Datasheet HTML 1Page - STMicroelectronics STE10A Datasheet HTML 2Page - STMicroelectronics STE10A Datasheet HTML 3Page - STMicroelectronics STE10A Datasheet HTML 4Page - STMicroelectronics STE10A Datasheet HTML 5Page - STMicroelectronics STE10A Datasheet HTML 6Page - STMicroelectronics STE10A Datasheet HTML 7Page - STMicroelectronics STE10A Datasheet HTML 8Page - STMicroelectronics STE10A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
February 2007
Rev 8
1/82
82
STE10/100A
PCI 10/100 Ethernet controller with integrated PHY (3.3V)
Features
■ IEEE802.3u 100BASE-TX and IEEE802.3
10BASE-T compliant
■ Support for IEEE802.3x flow control
■ IEEE802.3u auto-negotiation support for
10BASE-T and 100BASE-TX
■ PCI bus interface rev. 2.2 compliant
■ ACPI and PCI power management standard
compliant
■ Support for PC99 wake on LAN
■ Provides 32-bit PCI bus master data transfer at
PCI clocks of 20-33 MHz
■ Provides writable EEPROM/Boot rom interface
■ Provides independent transmission and
receiving FIFOs, each 2k bytes long
■ Supports big endian or little endian byte
ordering
■ ACPI and PCI compliant power management
functions offer significant power-savings
performance
■ Provides general purpose timers
■ 128-pin QFP package
Description
The STE10/100A is a high performing PCI fast
ethernet controller with integrated physical layer
interface for 10BASE-T and 100BASE-TX
applications.
It was designed with advanced CMOS technology
to provide glueless 32-bit bus master interface for
PCI bus, boot ROM interface, CSMA/CD protocol
for fast ethernet, as well as the physical media
interface for 100BASE-TX of IEEE802.3u and
10BASE-T of IEEE802.3. The auto-negotiation
function is also supported for speed and duplex
detection.
The STE10/100A provides both half-duplex and
full-duplex operation, as well as support for full-
duplex flow control. It provides long FIFO buffers
for transmission and receiving, and early interrupt
mechanism to enhance performance. The
STE10/100A also supports ACPI and PCI
compliant power management function
PQFP128 (14mm x 20mm x 2.7mm)
www.st.com


Similar Part No. - STE10A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Rev. 2.2
STE100 STMICROELECTRONICS-STE100 Datasheet
403Kb / 66P
PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Rev. 2.2
logo
ABB
STE100 ABB-STE100 Datasheet
484Kb / 2P
ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE1000-50T4MI VISHAY-STE1000-50T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE1000-60T4MI VISHAY-STE1000-60T4MI Datasheet
128Kb / 7P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
More results

Similar Description - STE10A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
Rev. 2.2
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Davicom Semiconductor, ...
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
ISA to Ethernet MAC Controller with Integrated 10/100 PHY
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
USB to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
10/100 Non-PCI Ethernet Single Chip MAC PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com