Electronic Components Datasheet Search
  English  ▼

X  

STE10A Datasheet(PDF) 17 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 13Page - STMicroelectronics STE10A Datasheet HTML 14Page - STMicroelectronics STE10A Datasheet HTML 15Page - STMicroelectronics STE10A Datasheet HTML 16Page - STMicroelectronics STE10A Datasheet HTML 17Page - STMicroelectronics STE10A Datasheet HTML 18Page - STMicroelectronics STE10A Datasheet HTML 19Page - STMicroelectronics STE10A Datasheet HTML 20Page - STMicroelectronics STE10A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
STE10/100A
Functional description
17/82
3.3
Transmit scheme and transmit early interrupt
3.3.1
Transmit scheme
Figure 9.
Transmit scheme
Own = 1
Initialize descriptor
Place data in host memory
Set own bit to 1
Write Tx demand poll command
Transfer data to Tx FIFO
Exit
STE10/100
checks descriptor
Deferring OR data less
than Tx threshold?
Transmit data
across line
Collision
occured?
Write descriptor
Generate interrupt
Back-off
Own = 0
Own = 1
Initialize descriptor
Place data in host memory
Set own bit to 1
Write Tx demand poll command
Transfer data to Tx FIFO
Exit
STE10/100
checks descriptor
Deferring OR data less
than Tx threshold?
Transmit data
across line
Collision
occured?
Write descriptor
Generate interrupt
Back-off
Own = 0
PC00354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82