Electronic Components Datasheet Search
  English  ▼

X  

STE10A Datasheet(PDF) 10 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 6Page - STMicroelectronics STE10A Datasheet HTML 7Page - STMicroelectronics STE10A Datasheet HTML 8Page - STMicroelectronics STE10A Datasheet HTML 9Page - STMicroelectronics STE10A Datasheet HTML 10Page - STMicroelectronics STE10A Datasheet HTML 11Page - STMicroelectronics STE10A Datasheet HTML 12Page - STMicroelectronics STE10A Datasheet HTML 13Page - STMicroelectronics STE10A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Pin description
STE10/100A
10/82
Physical interface
98
X1
I
25MHz reference clock input for physical portion. When an
external 25MHz crystal is used, this pin will be connected to
one of its terminals, and X2 will be connected to the other
terminal. If an external 25 MHz oscillator is used, then this
pin will be connected to the oscillator’s output pin.
97
X2
O
25MHz reference clock output for physical portion. When an
external 25MHz crystal is used, this pin will be connected to
one of the crystal terminals (see X1, above). If an external
clock source is used, then this pin should be left open.
107,109
TX+, TX-
O
The differential transmit outputs of 100BASE-TX or 10BASE-
T, these pins connect directly to magnetic.
105,104
RX+, RX-
I
The differential receive inputs of 100BASE-TX or 10BASE-T,
these pins connect directly from magnetic.
101
Iref
O
Reference resistor connecting pin for reference current,
directly connects a 5KOhm
±1% resistor to Vss.
LED display & miscellaneous
90
LED M1-
LK/Act
or
LED M2-
Act
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for link and activity status. This pin will be driven
on continually when a good Link test is detected. This pin will
be driven at a 10Hz blinking frequency when either effective
receiving or transmitting is detected.
For mode 2:
LED display for activity status. This pin will be driven at a
10Hz blinking frequency when either effective receiving or
transmitting is detected.
92
LED M1-
Speed
or
LED M2-
100 link
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for 100M b/s or 10M b/s speed. This pin will be
driven on continually when the 100M b/s network operating
speed is detected.
For mode 2:
LED display for 100Ms/s link status. This pin will be driven on
continually when 100Mb/s network operating speed is
detected.
Table 1.
Pin description (continued)
Pin no.
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com