Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPD784021
Description  MOS INTEGRATED CIRCUIT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD784021 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPD784021 Datasheet HTML 34Page - Renesas Technology Corp UPD784021 Datasheet HTML 35Page - Renesas Technology Corp UPD784021 Datasheet HTML 36Page - Renesas Technology Corp UPD784021 Datasheet HTML 37Page - Renesas Technology Corp UPD784021 Datasheet HTML 38Page - Renesas Technology Corp UPD784021 Datasheet HTML 39Page - Renesas Technology Corp UPD784021 Datasheet HTML 40Page - Renesas Technology Corp UPD784021 Datasheet HTML 41Page - Renesas Technology Corp UPD784021 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
36
m
m
m
m
mPD784020, 784021
8.7
D/A CONVERTER
Two digital/analog (D/A) converter channels of voltage output type, having a resolution of 8 bits, are incorporated.
A resistor string system is used for conversion. By writing the value to be subject to D/A conversion in the 8-bit
D/A conversion value setting register (DACSn: n = 0, 1), the resulting analog value is output on ANOn
(n = 0, 1). The range of the output voltages is determined by the voltages applied to the AVREF2 and AVREF3 pins.
Because of its high output impedance, no current can be obtained from an output pin. When the load impedance
is low, insert a buffer amplifier between the load and the converter.
The impedance of the ANOn pin goes high while the RESET signal is low. DACSn is set to 0 after a reset
is released.
Fig. 8-8 Block Diagram of D/A Converter
Remark
n = 0, 1
8
AVREF2
R
R
R
R
AVREF3
ANOn
DACEn
8
DACSn
RESET
Internal bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com