Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD784021
Description  MOS INTEGRATED CIRCUIT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD784021 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD784021 Datasheet HTML 4Page - Renesas Technology Corp UPD784021 Datasheet HTML 5Page - Renesas Technology Corp UPD784021 Datasheet HTML 6Page - Renesas Technology Corp UPD784021 Datasheet HTML 7Page - Renesas Technology Corp UPD784021 Datasheet HTML 8Page - Renesas Technology Corp UPD784021 Datasheet HTML 9Page - Renesas Technology Corp UPD784021 Datasheet HTML 10Page - Renesas Technology Corp UPD784021 Datasheet HTML 11Page - Renesas Technology Corp UPD784021 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
6
m
m
m
m
mPD784020, 784021
1. DIFFERENCES BETWEEN
m
m
m
m
mPD784026 SUB-SERIES
The only difference between the
mPD784020, mPD784021, mPD784025, and mPD784026 is their capacity of
internal memory, port functions, and part of their packages.
The
mPD78P4026 is produced by replacing the masked ROM in the mPD784025 or mPD784026 with 64K-byte one-
time PROM or EPROM. Table 1-1 shows the differences between these products.
Table 1-1 Differences between the
m
m
m
m
mPD784026 Sub-Series
Product
Item
Internal ROM
Internal RAM
P40-P47
P50-P57
P60-P63
P64, P65
Package
mPD784020
None
512 bytes
80-pin plastic QFP
(14
¥ 14 mm)
mPD784021
2048 bytes
80-pin plastic QFP
(14
¥ 14 mm)
80-pin plastic
TQFP (fine pitch)
(12
¥ 12 mm)
mPD784025
48K bytes
(masked ROM)
mPD784026
64K bytes
(masked ROM)
mPD78P4026
64K bytes
(one-time PROM
or EPROM)
80-pin plastic QFP
(14
¥ 14 mm)
80-pin ceramic
WQFN
(14
¥ 14 mm)
Functions only as an address/data bus
Functions only as an address bus
Can be switched to an output-only port
or address bus in units of 2 bits, by
using software
Functions only as the RD or WR pin
Can be switched to a general-purpose port or address/data
bus, by using software
Can be switched to a general-purpose port or address bus in
units of 2 bits, by using software
Functions as the RD or WR pin when the local bus interface
is used. Functions as a general-purpose port in other cases.
80-pin plastic QFP (14
¥ 14 mm)
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com