Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD784021
Description  MOS INTEGRATED CIRCUIT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD784021 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD784021 Datasheet HTML 24Page - Renesas Technology Corp UPD784021 Datasheet HTML 25Page - Renesas Technology Corp UPD784021 Datasheet HTML 26Page - Renesas Technology Corp UPD784021 Datasheet HTML 27Page - Renesas Technology Corp UPD784021 Datasheet HTML 28Page - Renesas Technology Corp UPD784021 Datasheet HTML 29Page - Renesas Technology Corp UPD784021 Datasheet HTML 30Page - Renesas Technology Corp UPD784021 Datasheet HTML 31Page - Renesas Technology Corp UPD784021 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
26
m
m
m
m
mPD784020, 784021
AddressNote 1
Special function register (SFR) name
Abbreviation
R/W
Manipulatable bits
When reset
1 bit
8 bits 16 bits
0FF84H
Synchronous serial interface mode register 1
CSIM1
R/W
ll
–
00H
0FF85H
Synchronous serial interface mode register 2
CSIM2
ll
–
0FF86H
Serial shift register
SIO
–
l
–
0FF88H
Asynchronous serial interface mode register
ASIM
ll
–
0FF89H
Asynchronous serial interface mode register 2
ASIM2
ll
–
0FF8AH
Asynchronous serial interface status register
ASIS
R
ll
–
0FF8BH
Asynchronous serial interface status register 2
ASIS2
ll
–
0FF8CH
Serial receive buffer: UART0
RXB
–
l
–
Undefined
Serial transmission shift register: UART0
TXS
W
–
l
–
Serial shift register: IOE1
SIO1
R/W
–
l
–
0FF8DH
Serial receive buffer: UART2
RXB2
R
–
l
–
Serial transmission shift register: UART2
TXS2
W
–
l
–
Serial shift register: IOE2
SIO2
R/W
–
l
–
0FF90H
Baud rate generator control register
BRGC
–
l
–
00H
0FF91H
Baud rate generator control register 2
BRGC2
–
l
–
0FFA0H
External interrupt mode register 0
INTM0
ll
–
0FFA1H
External interrupt mode register 1
INTM1
ll
–
0FFA4H
Sampling clock selection register
SCS0
–
l
–
0FFA8H
In-service priority register
ISPR
R
ll
–
0FFAAH
Interrupt mode control register
IMC
R/W
ll
–
80H
0FFACH
Interrupt mask register 0L
MK0L MK0
ll
l
FFFFH
0FFADH
Interrupt mask register 0H
MK0H
ll
0FFAEH
Interrupt mask register 1L
MK1L
ll
–
FFH
0FFC0H
Standby control register
STBC
–
lNote 2
–
30H
0FFC2H
Watchdog timer mode register
WDM
–
lNote 2
–
00H
0FFC4H
Memory expansion mode register
MM
ll
–
20H
0FFC5H
Hold mode register
HLDM
ll
–
00H
0FFC6H
Clock output mode register
CLOM
ll
–
0FFC7H
Programmable wait control register 1
PWC1
–
l
–
AAH
0FFC8H
Programmable wait control register 2
PWC2
–
–
l
AAAAH
Table 7-1 Special Function Registers (SFRs) (3/4)
Notes 1. Applicable when the LOCATION 0 instruction is executed. When the LOCATION 0FH instruction is
executed, F0000H is added to each address.
2. A write operation can be performed only with special instructions MOV STBC,#byte and MOV
WDM,#byte. Other instructions cannot perform a write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com