Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD784021
Description  MOS INTEGRATED CIRCUIT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD784021 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD784021 Datasheet HTML 46Page - Renesas Technology Corp UPD784021 Datasheet HTML 47Page - Renesas Technology Corp UPD784021 Datasheet HTML 48Page - Renesas Technology Corp UPD784021 Datasheet HTML 49Page - Renesas Technology Corp UPD784021 Datasheet HTML 50Page - Renesas Technology Corp UPD784021 Datasheet HTML 51Page - Renesas Technology Corp UPD784021 Datasheet HTML 52Page - Renesas Technology Corp UPD784021 Datasheet HTML 53Page - Renesas Technology Corp UPD784021 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
48
m
m
m
m
mPD784020, 784021
(3) Real-time output port
INTC10 and INTC11 function as the output triggers for the real-time output ports. For these triggers, the macro
service can simultaneously set the next output pattern and interval. Therefore, INTC10 and INTC11 can be used
to independently control two stepping motors. They can also be applied to PWM and DC motor control.
Each time a macro service request (INTC10) is generated, a pattern and timing data are transferred to the buffer
register (P0L) and compare register (CR10), respectively. When the contents of timer register 1 (TM1) and CR10
match, another INTC10 is generated, and the P0L contents are transferred to the output latch. When Tn (last
byte) is transferred to CR10, a vectored interrupt request (INTC10) is generated.
For INTC11, the same operation as that performed for INTC10 is performed.
Match
(SFR)
INTC10
P00-P03
(SFR)
Output pattern profile (memory)
Output timing profile (memory)
Pn
Pn–1
P2
P1
Internal bus
P0L
Output latch
CR10
TM1
Internal bus
Tn
Tn–1
T2
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com