Electronic Components Datasheet Search
  English  ▼

X  

UPD784021 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPD784021
Description  MOS INTEGRATED CIRCUIT
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD784021 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPD784021 Datasheet HTML 1Page - Renesas Technology Corp UPD784021 Datasheet HTML 2Page - Renesas Technology Corp UPD784021 Datasheet HTML 3Page - Renesas Technology Corp UPD784021 Datasheet HTML 4Page - Renesas Technology Corp UPD784021 Datasheet HTML 5Page - Renesas Technology Corp UPD784021 Datasheet HTML 6Page - Renesas Technology Corp UPD784021 Datasheet HTML 7Page - Renesas Technology Corp UPD784021 Datasheet HTML 8Page - Renesas Technology Corp UPD784021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
3
m
m
m
m
mPD784020, 784021
FUNCTIONS
mPD784020
mPD784021
113
8 bits
¥ 16 registers ¥ 8 banks, or 16 bits ¥ 8 registers ¥ 8 banks (memory mapping)
160 ns/320 ns/640 ns/1280 ns (at 25 MHz)
None
512 bytes
2048 bytes
Program and data: 1M byte
46
8
34
4
32
8
8
4 bits
¥ 2, or 8 bits ¥ 1
Timer/counter 0:
Timer register
¥ 1
Pulse output capability
(16 bits)
Capture register
¥ 1
Ý Toggle output
Compare register
¥ 2
Ý PWM/PPG output
Ý One-shot pulse output
Timer/counter 1:
Timer register
¥ 1
Pulse output capability
(8/16 bits)
Capture register
¥ 1
Ý Real-time output (4 bits ¥ 2)
Capture/compare register
¥ 1
Compare register
¥ 1
Timer/counter 2:
Timer register
¥ 1
Pulse output capability
(8/16 bits)
Capture register
¥ 1
Ý Toggle output
Capture/compare register
¥ 1
Ý PWM/PPG output
Compare register
¥ 1
Timer 3
:
Timer register
¥ 1
(8/16 bits)
Compare register
¥ 1
12-bit resolution
¥ 2 channels
UART/IOE (3-wire serial I/O) : 2 channels (incorporating baud rate generator)
CSI (3-wire serial I/O, SBI)
: 1 channel
8-bit resolution
¥ 8 channels
8-bit resolution
¥ 2 channels
1 channel
HALT/STOP/IDLE mode
23 (16 internal, 7 external (sampling clock variable input: 1)) + BRK instruction
BRK instruction
1 internal, 1 external
15 internal, 6 external
Ý 4-level programmable priority
Ý 3 operation statuses: vectored interrupt, macro service, context switching
VDD = 2.7 to 5.5 V
80-pin plastic QFP (14
¥ 14 mm)
80-pin plastic TQFP (fine pitch) (12
¥ 12 mm): for the
mPD784021 only
Note
Additional function pins are included in the I/O pins.
ROM
RAM
Total
Input
Input/output
Output
Pins with pull-
up resistor
LED direct
drive outputs
Transistor
direct drive
H
H
Product
Item
Number of basic instructions
(mnemonics)
General-purpose register
Minimum instruction execution
time
Internal
memory
Memory space
I/O ports
Additional
function
pinsNote
Real-time output ports
Timer/counter
PWM outputs
Serial interface
A/D converter
D/A converter
Watchdog timer
Standby
Interrupt
Source
Software
Nonmaskable
Maskable
Supply voltage
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com