Electronic Components Datasheet Search
  English  ▼

X  

RT5133WSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT5133WSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133WSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT5133WSC Datasheet HTML 1Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 2Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 3Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
R
RT5133
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133-02
February
2021
www.richtek.com
5
Operation
Control Pin Description
Part
Pin Name
Pin Description
Pin Type
I2C
Controlled
Pin Connection
Suggestion when
Unused
Top
SDA
I2C interface serial data input/output.
Open-drain. An external pull-up
resistor is required.
Input/Output/
Open-drain
Yes
SCL
I2C interface serial clock input. Open-
drain. An external pull-up resistor is
required.
Input/Open-
drain
Yes
IRQB
Interrupt output, active-low open-drain,
to request the processor to read the
registers.
Output/Open-
drain
No
Floating
HWEN
Enable input
Input/Active-
high
No
Tie to GPIO
GPO1
General purpose output control
Output/Push-
pull
Yes
Floating
GPO2
General purpose output control
Output/Push-
pull
Yes
Floating
GPO3
General purpose output control
Output/Push-
pull
Yes
Floating
If a channel is unused, follow the setting instructions as below
Unused Part
Unused Function
Unused Pin Name
Pin Connection
(Short to Ground/Floating/Others)
LDO
LDO1
VOUT1
Floating
LDO2
VOUT2
Floating
LDO3
VOUT3
Floating
LDO4
VOUT4
Floating
LDO5
VOUT5
Floating
LDO6
VOUT6
Floating
LDO7
VOUT7
Floating
LDO8
VOUT8
Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com