Electronic Components Datasheet Search
  English  ▼

X  

RT5133WSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT5133WSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133WSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT5133WSC Datasheet HTML 3Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
R
RT5133
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133-02
February
2021
www.richtek.com
7
Absolute Maximum Ratings
(Note 1)
 All Pins ---------------------------------------------------------------------------------------------------------------------0.5V to 6V
 Power Dissipation, PD @ TA = 25C
WL-CSP-25B 1.84 x 1.84 (BSC)------------------------------------------------------------------------------------- 2.07W
 Package Thermal Resistance
(
Note 2)
WL-CSP-25B 1.84 x 1.84 (BSC), θJA ------------------------------------------------------------------------------48.3C/W
 Junction Temperature --------------------------------------------------------------------------------------------------150C
 Lead Temperature (Soldering, 10sec.)-----------------------------------------------------------------------------260C
 Storage Temperature Range -----------------------------------------------------------------------------------------65C to 150C
 ESD Susceptibility
(
Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
 VDDA Supply Input Voltage (VDDA = PVIN > VOUT + Dropout)-------------------------------------------2.8V to 5V
 PVIN12/3/45/6 (VDDA = PVIN > VOUT + Dropout) -------------------------------------------------------------2.8V to 5V
 PVIN7/8 --------------------------------------------------------------------------------------------------------------------1.1V to 5V
 Junction Temperature Range-----------------------------------------------------------------------------------------40C to 125C
 Ambient Temperature Range-----------------------------------------------------------------------------------------40C to 85C
Electrical Characteristics
(VDDA = VSYS = PVINx = 4V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
PMIC Quiescent Current and OTP
Shut Down Current
ISHDN
On VDDA pin, with all channels shut down,
VDDA = 4V, HWEN = L
--
1
2
A
Standby-Mode
Current
IStandby
On VDDA pin, with all channels shut down,
VDDA = 4V, HWEN = H
--
50
70
A
Over-Temperature
Protection Threshold
TOTP
Thermal shut down threshold temperature
--
150
--
C
Over-Temperature
Protection Accuracy
TOTP_ACC
Thermal shut down temperature accuracy
15
--
15
C
Over-Temperature
Protection Recover
TOTP_RECOVER
Thermal shut down recover temperature
95
110
125
°C
Control I/O Pin, VDDA and VSYS
Logic-High Threshold
Voltage for GPO
Outputs
VOH
IDS = 10mA
1.35
--
--
V
Logic-Low Threshold
Voltage for All Open-
Drain Outputs
VOL
IDS = 10mA
--
--
0.45
V
Logic-High Threshold
Voltage for All Inputs
VIH
Logic high threshold
1.2
--
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com