Electronic Components Datasheet Search
  English  ▼

X  

RT5133WSC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5133WSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133WSC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5133WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
R
RT5133
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5133-02
February
2021
www.richtek.com
9
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Power Supply
Rejection Ratio
(Note 5)
PSRRLDO1/2
1. PVIN = 3.8V
2. VOUT = 1.8V/50mA
3. Freq = 1kHz
--
70
--
dB
1. PVIN = 3.8V
2. VOUT = 1.8V/50mA
3. Freq = 10kHz
--
60
--
1. PVIN = 3.8V
2. VOUT = 1.8V/50mA
3. Freq = 100kHz
--
40
--
1. PVIN = 3.8V
2. VOUT = 1.8V/50mA
3. Freq = 1MHz
--
25
--
PSRRLDO3/4/5/6
1. PVIN = 3.8V
2. VOUT = 2.8V/60mA
3. Freq = 1kHz
--
85
--
1. PVIN = 3.8V
2. VOUT = 2.8V/60mA
3. Freq = 10kHz
--
75
--
1. PVIN = 3.8V
2. VOUT = 2.8V/60mA
3. Freq = 100kHz
--
64
--
1. PVIN = 3.8V
2. VOUT = 2.8V/60mA
3. Freq = 1MHz
--
41
--
PSRRLDO7/8
1. PVIN = 1.35V
2. VOUT = 1.1V/150mA
3. Freq = 1kHz
--
78
--
1. PVIN = 1.35V
2. VOUT = 1.1V/150mA
3. Freq = 10kHz
--
68
--
1. PVIN = 1.35V
2. VOUT = 1.1V/150mA
3. Freq = 100kHz
--
47
--
1. PVIN = 1.35V
2. VOUT = 1.1V/150mA
3. Freq = 1MHz
--
32
--
Soft-Start Time
tSS_LDO1/2
VOUT_LDO = 90% of VOUT_LDO
COUT < 10μF
--
--
1000
s
tSS_LDO3/4/5/6/7/8
VOUT_LDO = 90% of VOUT_LDO
COUT < 10μF
--
--
1000
Power Off Time
tSS_LDO1/2
VOUT_LDO = 10% of VOUT_LDO
COUT < 10μF
--
--
2000
s
tSS_LDO3/4/5/6/7/8
VOUT_LDO = 10% of VOUT_LDO
COUT < 10μF
--
--
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com