Electronic Components Datasheet Search
  English  ▼

X  

RT5133WSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT5133WSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133WSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT5133WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 9Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 10Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 11Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 12Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 13Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 15Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
RT5133
R
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133-02
February
2021
12
Typical Operating Characteristics
Shutdown Current vs. Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.8 3.0 3.2
3.4 3.6 3.8 4.0 4.2 4.4
4.6 4.8 5.0
Input Voltage (V)
HWEN = L
Quiescent Current vs. Input Voltage
10
20
30
40
50
60
2.8
3.1
3.4
3.7
4.0
4.3
4.6
4.9
5.2
5.5
Input Voltage (V)
HWEN = H
LDO1 Dropout Voltage vs. Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
250
300
Output Current (mA)
85°C
25°C
40°C
LDO2 Dropout Voltage vs. Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
250
300
Output Current (mA)
85°C
25°C
40°C
LDO3 Dropout Voltage vs. Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
250
300
Output Current (mA)
85°C
25°C
40°C
LDO4 Dropout Voltage vs. Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0
50
100
150
200
250
300
Output Current (mA)
85°C
25°C
40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com