Electronic Components Datasheet Search
  English  ▼

X  

RT5133WSC Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT5133WSC
Description  Integrated PMIC with 8-Channel LDOs and 3 GPOs for Camera Module Applications
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5133WSC Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT5133WSC Datasheet HTML 14Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 15Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 16Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 17Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 18Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 19Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 20Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 21Page - Richtek Technology Corporation RT5133WSC Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
RT5133
R
Copyright © 2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5133-02
February
2021
18
I
2C Interface
The following table shows the RT5133 unique address to AP, respectively.
Slave Address
MSB
LSB
R/W Bit
R/W
001100
0
1/0
31/30
The I2C interface bus must be connect a resistor 2.2k
 to power node and independent connection to processor,
individually. The I2C interface also supports High-Speed (HS) mode for data transfer rate up to 3.4Mbits. The I2C
timing diagrams are listed below.
S
0
1
A
P
LSB
MSB
A
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
A
Data for Address = m + 1
S
0
P
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m + 1
Sr
Slave Address
Register Address
Slave Address
Data 1
R/W
R/W
Data N
LSB
MSB
A
A
A
A
A
A
A
A
Read N bytes of data from Registers
LSB
MSB
Data 2
Data N
LSB
MSB
LSB
Slave Address
Register Address
Data 1
Data 2
MSB
MSB
LSB
Write N bytes of data to Registers
Driven by Master,
Driven by Slave,
Start,
Repeat Start
Stop,
S
Sr
P
S
0
1
A
P
LSB
MSB
Assume Address = m
Data for Address = m
Sr
Slave Address
Register Address
Slave Address
Data
R/W
A
A
A
Read single byte of data from Register
S
0
P
Assume Address = m
Data for Address = m
R/W
A
A
A
Slave Address
Register Address
Data
MSB
LSB
Write single byte of data to Register
Figure 5. I2C Timing Diagrams
SDA
SCL
tF
tLOW
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;STA
tSP
tBUF
tSU;STO
P
S
tR
Sr
S
tF
tR
Figure 6. I2C Waveform Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com