Electronic Components Datasheet Search
  English  ▼

X  

ADL5308 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5308
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308 Datasheet(HTML) 4 Page - Analog Devices

  ADL5308 Datasheet HTML 1Page - Analog Devices ADL5308 Datasheet HTML 2Page - Analog Devices ADL5308 Datasheet HTML 3Page - Analog Devices ADL5308 Datasheet HTML 4Page - Analog Devices ADL5308 Datasheet HTML 5Page - Analog Devices ADL5308 Datasheet HTML 6Page - Analog Devices ADL5308 Datasheet HTML 7Page - Analog Devices ADL5308 Datasheet HTML 8Page - Analog Devices ADL5308 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Data Sheet
ADL5308
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 22
Table 1. Electrical Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Capacitance
1
pF
Glitch Rejection
50
ns
SERIAL-INTERFACE TIMING SPECIFICATIONS
Figure 2. I2C Timing Diagram
Table 2. I2C Timing Specifications
Parameter
Description
Min
Typ
Max
Unit
fSCL(MAX) = 1/t1
Maximum SCL clock frequency
400
kHz
t3
Minimum SCL low period
0.65
1.3
μs
t2
Minimum SCL high period
50
600
ns
t9
Minimum bus free time between STOP/START condition
0.12
1.3
μs
t4
Minimum hold time after (repeated) START condition
140
600
ns
t7
Minimum repeated START condition setup-time
30
600
ns
t8
Minimum STOP condition setup-time
30
600
ns
t6
Minimum data-hold time input
−100
0
ns
t6
Minimum data-hold time output
300
600
900
ns
t5
Minimum data setup-time input
30
100
ns
tSP(MAX)
Maximum suppressed spike pulse width
50
110
250
ns
tRST
Stuck bus reset time (condition: SCL or SDA held low)
25
66
ms
CX
SCL, SDA input capacitance
5
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com