Electronic Components Datasheet Search
  English  ▼

X  

ADL5308 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5308
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308 Datasheet(HTML) 3 Page - Analog Devices

  ADL5308 Datasheet HTML 1Page - Analog Devices ADL5308 Datasheet HTML 2Page - Analog Devices ADL5308 Datasheet HTML 3Page - Analog Devices ADL5308 Datasheet HTML 4Page - Analog Devices ADL5308 Datasheet HTML 5Page - Analog Devices ADL5308 Datasheet HTML 6Page - Analog Devices ADL5308 Datasheet HTML 7Page - Analog Devices ADL5308 Datasheet HTML 8Page - Analog Devices ADL5308 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADL5308
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 22
VCC = 5.0 V, TA = 25°C, Input current (IINP) = 10 nA, default register settings, unless otherwise noted.
Table 1. Electrical Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT INTERFACES
INP Current Range (INP)
Current into INP (Pin 2)
10
pA
25
mA
IREF Current Range (IREF)
Current into IREF (Pin 3)
5
nA
1
mA
Input Node Voltage
Over input current range
1.3
1.5 to 2.2
2.4
V
SUM Voltage (SUM)
1.53
V
Absolute Offset Voltage
|VPDB − VINP|, IINP = 1 nA
1
6
mV
|VPDB − VSUM|
1
mV
Temperature Drift
−12
µV/°C
PHOTODIODE BIAS (PDB)
Output Voltage
VPDB, IPDB = 1 µA
1.53
V
VPDB, IPDB = 10 mA
3.3
4.4
5
V
Transresistance (RT)
(VPDB − VINP)/IPD
180
282
380
Ω
IPD Threshold (ITH)
Constant PDB voltage below ITH
160
µA
LOGARITHMIC OUTPUT
Logarithmic Slope
198
200
202
mV/dec
Logarithmic Intercept
8
10
12
pA
Logarithmic Conformance Error 10 nA ≤ IINP ≤ 1 mA
−0.7
±0.2
0.8
dB
Output Voltage
IINP = 10 mA
1.805
V
IINP = 1 nA
406
mV
Small Signal Bandwidth
IINP = 10 nA
970
kHz
Fall, Rise Times
IINP from 220 µA to 10 nA, measure at 90% and
10% points
<2.4
μs
Settling Time
IINP from 220 µA to 10 nA, VLOG settles within
2 dB of final value, using 220 Ω/1.2 nF VLOG
low-pass filter
<3.5
μs
Output Current
IINP = 1 nA, VVLOG = 0.6 V, sinking
49
mA
IINP = 10 mA, VVLOG = 1.6 V, sourcing
17
mA
Output Impedance
1
Ω
COMPARATOR
Output High Voltage
CREF = 0 V, IINP = 10 mA
3.3
V
Output Low Voltage
CREF = 1 V, IINP = 1 nA
0
V
Short-Circuit Output Current
CMP = 2.8 V, CREF = 1 V, IINP = 10 mA,
sourcing
9.2
mA
CMP = 0.2 V, CREF = 1 V, IINP = 1 nA, sinking
8.8
mA
Hysteresis
HYST = 1 V, CREF_DAC (0x40) = 1.27 V
109
mV
Latch Enable Voltage
Voltage on HYST pin
1.6
V
POWER SUPPLY
Positive Supply Voltage
4.75
5.0
5.25
V
Quiescent Current
IINP = 1 µA
32
mA
Power-Supply Rejection Ratio
IINP = 10 nA, measured at 20 kHz
34
dB
I2C INTERFACE
Logic Low Input Voltage
0.9
V
Logic High Input Voltage
2.1
3.3
V
Current Into SCL, SDA
±50
μA
Input Hysteresis Voltage, VHYST
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com