Electronic Components Datasheet Search
  English  ▼

X  

ADL5308 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5308
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5308 Datasheet HTML 3Page - Analog Devices ADL5308 Datasheet HTML 4Page - Analog Devices ADL5308 Datasheet HTML 5Page - Analog Devices ADL5308 Datasheet HTML 6Page - Analog Devices ADL5308 Datasheet HTML 7Page - Analog Devices ADL5308 Datasheet HTML 8Page - Analog Devices ADL5308 Datasheet HTML 9Page - Analog Devices ADL5308 Datasheet HTML 10Page - Analog Devices ADL5308 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
ADL5308
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 7 of 22
VCC = 5.0 V, TA = 25°C, Input current (IINP) = 10 nA, default register settings, unless otherwise noted.
Figure 4. VVLOG vs. IINP at Various Temperatures with Internal Trimmed IIREF
Value
Figure 5. VVLOG vs. IIREF at Various Temperatures for IINP = 10 nA
Figure 6. VVLOG vs. IINP at Various IIREF Values in Decades Steps
Figure 7. Log Conformance Error vs. IINP at Various Temperatures,
Normalized to 25°C
Figure 8. Log Conformance Error vs. IIREF at Various Temperatures for IINP =
10 nA, Normalized to 25°C
Figure 9. Log Conformance Error vs. IINP at Various IIREF Values in Decade
Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com