Electronic Components Datasheet Search
  English  ▼

X  

ADL5308 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5308
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5308 Datasheet HTML 14Page - Analog Devices ADL5308 Datasheet HTML 15Page - Analog Devices ADL5308 Datasheet HTML 16Page - Analog Devices ADL5308 Datasheet HTML 17Page - Analog Devices ADL5308 Datasheet HTML 18Page - Analog Devices ADL5308 Datasheet HTML 19Page - Analog Devices ADL5308 Datasheet HTML 20Page - Analog Devices ADL5308 Datasheet HTML 21Page - Analog Devices ADL5308 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet
ADL5308
SERIAL-PORT INTERFACE
analog.com
Rev. 0 | 20 of 22
Table 6. ADL5308 I2C Register Details1 (Continued)
Address
Name
Bits
Field Name
Description
Default
Access
[3:0]
IPDB_RDBK
Readback register for the trimmed IPDB value of
REG_15.
0x78
REG_78_TRIMMED_18
[5:0]
MTEMP_RDBK
Readback register for the trimmed MTEMP value of
REG_18.
0xXX
R
0x79
REG_79_TRIMMED_19
[7:4]
OS_RDBK
Readback register for the trimmed OS value of REG_19. 0xX0
R
[3:0]
CF_RDBK
Readback register for the trimmed CF value of REG_19.
0x7A
REG_7A_TRIMMED_1A
[5:3]
PT_RDBK
Readback register for the trimmed PT value of REG_1A. 0x51
R
[2:0]
ZT_RDBK
Readback register for the trimmed ZT value of REG_1A.
0x7B
REG_7B_TRIMMED_1B
[7:0]
LG_RDBK
Readback register for the trimmed LG value of REG_1B. 0xXX
R
0x7C
REG_7C_TRIMMED_1C
[2:0]
VPED_RDBK
Readback register for the trimmed VPED value of
REG_1C.
0x0X
R
1 Note that all other registers and undocumented bits are reserved.
2 To preserve the default power-up settings of the ADL5308 prior to changing register values using NVM_BYPASS = 1, the user must first read registers 0x70 to 0x7C and
then write these values to the corresponding registers 0x10 to 0x1C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com