Electronic Components Datasheet Search
  English  ▼

X  

ADL5308 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5308
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5308 Datasheet HTML 14Page - Analog Devices ADL5308 Datasheet HTML 15Page - Analog Devices ADL5308 Datasheet HTML 16Page - Analog Devices ADL5308 Datasheet HTML 17Page - Analog Devices ADL5308 Datasheet HTML 18Page - Analog Devices ADL5308 Datasheet HTML 19Page - Analog Devices ADL5308 Datasheet HTML 20Page - Analog Devices ADL5308 Datasheet HTML 21Page - Analog Devices ADL5308 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Data Sheet
ADL5308
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 22 of 22
Figure 42. 14-Terminal Land Grid Array [LGA]
(CC-14-4)
Dimensions Shown in millimeters
Updated: August 16, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADL5308ACCZ
−40°C to +105°C
LGA/CASON/CH ARRY SO NO LD
Reel, 3000
CC-14-4
ADL5308ACCZ-R7
−40°C to +105°C
LGA/CASON/CH ARRY SO NO LD
Reel, 3000
CC-14-4
1 Z = RoHS-Compliant Part.
EVALUATION BOARDS
Model1
Description
ADL5308-EVALZ2
Evaluation Board
ADL5308-KIT-EVALZ3
Evaluation Board Kit
1 Z = RoHS-Compliant Part.
2 The ADL5308-EVALZ package includes the board only.
3 A DC2026C Linduino One controller board is included with the ADL5308-KIT-EVALZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com