Electronic Components Datasheet Search
  English  ▼

X  

ADL5308 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5308
Description  Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5308 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5308 Datasheet HTML 9Page - Analog Devices ADL5308 Datasheet HTML 10Page - Analog Devices ADL5308 Datasheet HTML 11Page - Analog Devices ADL5308 Datasheet HTML 12Page - Analog Devices ADL5308 Datasheet HTML 13Page - Analog Devices ADL5308 Datasheet HTML 14Page - Analog Devices ADL5308 Datasheet HTML 15Page - Analog Devices ADL5308 Datasheet HTML 16Page - Analog Devices ADL5308 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADL5308
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 22
PHOTODIODE BIAS (PDB)
The PDB function maximizes the dynamic range of optical power
measurements by minimizing the impact of dark current and series
resistance on the measurement accuracy.
Dark current is a small leakage current through the diode that
does not change proportionally to the incident optical power, and
therefore limits the sensitivity of an optical power measurement.
Since it generally increases with the reverse bias voltage, a low
reverse bias voltage minimizes the dark current and maximizes the
sensitivity of the optical power measurement.
Series resistance introduces measurement errors at high current
levels through the PD. The voltage drop across this resistance
reduces the reverse bias voltage across the PD junction itself,
which may lead to saturation or even forward bias of the junction. A
sufficiently high reverse bias voltage, preferably proportional to the
diode current to maintain constant reverse bias across the junction,
is needed to minimize the impact of the PD series resistance.
The PDB function of the ADL5308 adjusts the reverse bias across
the PD as a function of the current through the PD, as shown
in Figure 30. At low PD currents, the reverse bias is kept at a
specified low-level VOS to minimize the impact of the dark current.
As the PD current increases, the reverse bias increases accordingly
to minimize the impact of the series resistance. To use this function,
the cathode of the PD should be connected to the PDB pin.
Figure 30. Adaptive PDB Principle of Operation
The ADL5308 PDB can be optimized for specific PDs through the
I2C interface. The reverse bias level at low input currents VOS, the
transresistance RT, that is, the change in bias voltage for a given
change in bias current, and the threshold current ITH above which
the transresistance takes effect can all be adjusted through the I2C
interface.
For input currents above ITH, ringing could be observed on the
PDB pin due to the positive feedback of the adaptive PD bias
via the PD capacitance. Typically, the frequency of the ringing is
around 100MHz and doesn’t propagate noticeably to the VLOG
output because it is attenuated strongly since its bandwidth is much
lower. For PD’s with capacitance below 3 pF, no sustained ringing
(oscillation) is observed even at cold temperatures. It is possible
however that for PD’s with larger capacitance sustained ringing
could occur. In that case, it is recommended to connect a snubber
network consisting of a 10 Ω resistor in series with a 220 pF capac-
itor between the PDB pin and ground to reduce ringing. Since the
ringing depends on the PD’s capacitance vs. its reverse voltage,
series resistance and PCB layout, it is good practice to measure the
ringing on the PDB pin using a pulsed optical source that generates
an input current well above ITH to make sure the ringing is not
excessive. If needed, the 220 pF capacitor can be scaled up or the
PDBG register contents, which sets the transresistance, be scaled
down.
RT can be enabled or disabled, that is, effectively set to zero,
through the PDBG_FIX flag in REG_14 (see Table 6). When dis-
abled (PDBG_FIX=1), the reverse bias voltage across the diode
does not change with the diode current but remains constant over
the entire input current range. When enabled (PDBG_FIX=1), the
PDBG bit field adjusts the transresistance value in 11.72 Ω steps.
An expression for RT in terms of the REG_14 register bit fields is
given in Equation 11. Note that setting either PDBG_FIX = 1 or
PDBG = 0 disables the transresistance.
RT=11.72× 1−PDBG_FIX ×PDBG (11)
The threshold current ITH above which the transresistance RT be-
comes effective is controlled by PDBG and IDZ (dead-zone current)
in REG_15. It can be expressed as:
ITH=51μA× 79×IDZ −1
PDBG× 1−PDBG_FIX
(12)
The smallest, (minimum functional value for IDZ is 1) value for ITH is
obtained for IDZ = 1 and PDBG = 63, resulting in ITH = 63 µA and
goes infinite for PDBG_FIX = 1.
The initial bias voltage, or offset voltage between the PDB pin and
INP pin below ITH can be adjusted using registers REG_15 and
REG_19. Additionally, it is dependent on PDBG and PDBG_FIX. Bit
field IPDB in register REG_15 provides a coarse adjustment in 30
mV steps. Adding to this is a fine adjustment in 3 mV steps OS in
REG_19. The contribution of PDBG in REG_14 is dependent on the
state of the PDBG_FIX flag. The total nominal reverse PDB voltage
in (mV) can be expressed as:
VPDB −VINP  =30×IPDB+3× OS−8
+93.75×PDBG×PDBG_FIX
(13)
Note that |VPDB − VINP| is minimized in the factory at low input
current for IPDB = 0 and PDBG_FIX = 0 by trimming OS register
and is therefore not necessarily 0 mV for OS = 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com