Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 6Page - Texas Instruments TAS5086 Datasheet HTML 7Page - Texas Instruments TAS5086 Datasheet HTML 8Page - Texas Instruments TAS5086 Datasheet HTML 9Page - Texas Instruments TAS5086 Datasheet HTML 10Page - Texas Instruments TAS5086 Datasheet HTML 11Page - Texas Instruments TAS5086 Datasheet HTML 12Page - Texas Instruments TAS5086 Datasheet HTML 13Page - Texas Instruments TAS5086 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
www.ti.com
Channel-6 Processing Section
B0050-01
0x21
0x0D
BQ1(G)
0x23
Gain-
Compensated
Biquad
0x24
Low-
Pass
Biquad
VOL
10dB
BassManagement
Ch1–5
Ch6Sub
FromDownmix(L’+R’)/2
S
BQ1
BQ2
MUX
PWM Section
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
DETAILED DESCRIPTION (continued)
Channel 6 has processing features that are directly applicable to the subwoofer channel.
Figure 3. Channel-6 Processing Block Diagram
The TAS5086 has six channels of high-performance digital PWM modulators that are designed to drive
switching output stages (back ends) in both single-ended (SE) and H-bridge (bridge-tied load) configurations.
The TAS5086 device uses noise-shaping and sophisticated error correction algorithms to achieve high power
efficiency and high-performance digital audio reproduction. The TAS5086 uses a fourth-order noise shaper to
provide >105-dB SNR performance from 20 Hz to 20 kHz.
The TAS5086 PWM interface is described by using the following notation:
PN + V
where
P = number of PWM signals per channel
N = number of channels
V = total number of valid signals used to reset the power stage
For example, the TAS5086 initial interface format means that there is 1 PWM signal per channel (N = 6) and 1
valid signal is used to reset the power stages. The shorthand notation to describe this is 1N+1.
The PWM section accepts 24-bit PCM data from the serial data interface and outputs six PWM audio output
channels to drive 1N+1 single-ended and BTL power stages.
The PWM interface supports:
•
TAS5186 in BTL or SE mode without any external glue logic, uses 1N+1 signaling.
•
TAS5142 in BTL or SE mode without any external glue logic, uses 1N+1 signaling.
•
TAS5111 SE without any external glue logic, and with a pulldown on the output, uses 1N+1 signaling.
•
TAS5111 BTL or TAS5112 BTL with one inverter per BTL channel of glue logic and a pulldown on the
output, uses 1N+1 signaling from TAS5086, 2N+1 input to TAS5111/12.
•
TAS5112 SE (with external glue logic)
See the application schematics for an example of the TAS5086 with the TAS5186 and the TAS5086 with
TAS5112 SE and TAS5111 SE.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com