Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 28Page - Texas Instruments TAS5086 Datasheet HTML 29Page - Texas Instruments TAS5086 Datasheet HTML 30Page - Texas Instruments TAS5086 Datasheet HTML 31Page - Texas Instruments TAS5086 Datasheet HTML 32Page - Texas Instruments TAS5086 Datasheet HTML 33Page - Texas Instruments TAS5086 Datasheet HTML 34Page - Texas Instruments TAS5086 Datasheet HTML 35Page - Texas Instruments TAS5086 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
www.ti.com
INPUT MULTIPLEXER REGISTER (0x20)
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
Table 15. BKNDERR Register (0x1C) (continued)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
1
0
1
1
Set back-end reset period to 13 ms
–
–
–
–
1
1
X
X
Set back-end reset period to 13 ms
The hexadecimal value for each nibble is the channel number. For each input multiplexer, any input from SDIN1,
SDIN2, and SDIN3 can be mapped to any internal TAS5086 channel.
Default is 0x0001 2345.
Table 16. Input Multiplexer Register (0x20)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved = 0x00
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
0
0
–
–
–
–
SDIN1-L to channel 1
0
0
0
1
–
–
–
–
SDIN1-R to channel 1
0
0
1
0
–
–
–
–
SDIN2-L to channel 1
0
0
1
1
–
–
–
–
SDIN2-R to channel 1
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
1
0
0
–
–
–
–
SDIN3-L to channel 1
0
1
0
1
–
–
–
–
SDIN3-R to channel 1
0
1
1
0
–
–
–
–
Ground (0) to channel 1
0
1
1
1
–
–
–
–
No connection
–
–
–
–
0
0
0
0
SDIN1-L to channel 2
–
–
–
–
0
0
0
1
SDIN1-R to channel 2
–
–
–
–
0
0
1
0
SDIN2-L to channel 2
–
–
–
–
0
0
1
1
SDIN2-R to channel 2
–
–
–
–
0
1
0
0
SDIN3-L to channel 2
–
–
–
–
0
1
0
1
SDIN3-R to channel 2
–
–
–
–
0
1
1
0
Ground (0) to channel 2
–
–
–
–
0
1
1
1
No connection
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
–
–
–
–
SDIN1-L to channel 3
0
0
0
1
–
–
–
–
SDIN1-R to channel 3
0
0
1
0
–
–
–
–
SDIN2-L to channel 3
0
0
1
1
–
–
–
–
SDIN2-R to channel 3
0
1
0
0
–
–
–
–
SDIN3-L to channel 3
0
1
0
1
–
–
–
–
SDIN3-R to channel 3
0
1
1
0
–
–
–
–
Ground (0) to channel 3
0
1
1
1
–
–
–
–
No connection
–
–
–
–
0
0
0
0
SDIN1-L to channel 4
–
–
–
–
0
0
0
1
SDIN1-R to channel 4
–
–
–
–
0
0
1
0
SDIN2-L to channel 4
–
–
–
–
0
0
1
1
SDIN2-R to channel 4
–
–
–
–
0
1
0
0
SDIN3-L to channel 4
–
–
–
–
0
1
0
1
SDIN3-R to channel 4
–
–
–
–
0
1
1
0
Ground (0) to channel 4
–
–
–
–
0
1
1
1
No connection
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com