Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 21Page - Texas Instruments TAS5086 Datasheet HTML 22Page - Texas Instruments TAS5086 Datasheet HTML 23Page - Texas Instruments TAS5086 Datasheet HTML 24Page - Texas Instruments TAS5086 Datasheet HTML 25Page - Texas Instruments TAS5086 Datasheet HTML 26Page - Texas Instruments TAS5086 Datasheet HTML 27Page - Texas Instruments TAS5086 Datasheet HTML 28Page - Texas Instruments TAS5086 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
www.ti.com
SERIAL DATA INTERFACE REGISTER (0x04)
SYSTEM CONTROL REGISTER 2 (0x05)
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
As shown in Table 5, the TAS5086 supports nine serial data modes. The default is 24-bit, I2S mode.
Table 5. Serial Data Interface Control Register (0x04) Format
RECEIVE SERIAL DATA
WORD
D7–D4
D3
D2
D1
D0
INTERFACE FORMAT
LENGTHS
Right-justified
16
0000
0
0
0
0
Right-justified
20
0000
0
0
0
1
Right-justified
24
0000
0
0
1
0
I2S
16
0000
0
0
1
1
I2S
20
0000
0
1
0
0
I2S
24
0000
0
1
0
1
Left-justified
16
0000
0
1
1
0
Left-justified
20
0000
0
1
1
1
Left-justified
24
0000
1
0
0
0
Reserved
0000
1
0
0
1
Reserved
0000
1
0
1
0
Reserved
0000
1
0
1
1
Reserved
0000
1
1
0
0
Reserved
0000
1
1
0
1
Reserved
0000
1
1
1
0
Reserved
0000
1
1
1
1
Default values are in bold
Bit D6 is a control bit and bit D5 is a configuration bit.
When bit D6 is set low, the system starts playing; otherwise, the outputs are shut down.
Bit D5 defines the configuration of the system, i.e., it determines what configuration the system runs in when bit
D6 is set low. When this bit is asserted, the system is configured to surround, meaning all channels are
switching. Otherwise, only a subset of the PWMs runs, corresponding to a 2.0 or 2.1 configuration as
determined by the surround register (0x19).
Bit D5 should be changed only when bit D6 is set, meaning that it is only possible to switch configuration from
surround to 2.0/2.1 by resetting the TAS5086 and then restarting it again in the new configuration.
Table 6. System Control Register 2 (0x05)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
1
X
–
–
–
–
–
All channels are shut down (hard mute).
–
1
1
–
–
–
–
–
All channels are shut down (hard mute). VALID1 = 0 and VALID2 = 0
–
0
1
–
–
–
–
–
When D6 is deasserted, all channels are started. VALID1 = 1 and VALID2 = 1
–
0
0
–
–
–
–
–
When D6 is deasserted, all channels not belonging to shutdown group 1 are
started. VALID1 = 0 and VALID2 = 1
25
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com