Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 18Page - Texas Instruments TAS5086 Datasheet HTML 19Page - Texas Instruments TAS5086 Datasheet HTML 20Page - Texas Instruments TAS5086 Datasheet HTML 21Page - Texas Instruments TAS5086 Datasheet HTML 22Page - Texas Instruments TAS5086 Datasheet HTML 23Page - Texas Instruments TAS5086 Datasheet HTML 24Page - Texas Instruments TAS5086 Datasheet HTML 25Page - Texas Instruments TAS5086 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
www.ti.com
CLOCK CONTROL REGISTER (0x00)
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
SERIAL CONTROL INTERFACE REGISTER SUMMARY (continued)
NO. OF
SUBADDRESS
REGISTER NAME
CONTENTS
INITIALIZATION VALUE
BYTES
0x08
Channel 1 vol
1
Description shown in subsequent section
30 (0 dB)
0x09
Channel 2 vol
1
Description shown in subsequent section
30 (0 dB)
0x0A
Channel 3 vol
1
Description shown in subsequent section
30 (0 dB)
0x0B
Channel 4 vol
1
Description shown in subsequent section
30 (0 dB)
0x0C
Channel 5 vol
1
Description shown in subsequent section
30 (0 dB)
0x0D
Channel 6 vol
1
Description shown in subsequent section
30 (0 dB)
0x0E
Volume control register
1
Description shown in subsequent section
B1
0x0F
RESERVED(1)
0x10
Modulation limit register
1
Description shown in subsequent section
02
0x11–0x17
RESERVED(1)
0x18
PWM start register
1
Description shown in subsequent section
3F
0x19
Surround register
1
Description shown in subsequent section
00
0x1A
Split cap charge period register
1
Description shown in subsequent section
18
0x1B
OSC_TRIM
1
Oscillator Trim Register
82
0x1C
BKNDERR register
1
BKNDErr Register
05
0x1D–0x1F
RESERVED(1)
0x20
Input MUX register
4
Description shown in subsequent section
0x00, 0x01, 0x23, 0x45
0x21
Downmix input MUX register
4
Description shown in subsequent section
0x00, 0x00, 0x00, 0x3F
0x22
AM tuned frequency
4
Description shown in subsequent section
0x00, 0x00, 0x00, 0x00
0x23
ch6_bq[1]
20
b0[25:24] b0[(23:16], b0[15:8], b0[7:0]
0x00, 0x80, 0x00, 0x00
b1[25:24] b1[23:16], b1[15:8], b1[7:0]
0x00, 0x00, 0x00, 0x00
b2[25:24] b2[23:16], b2[15:8], b2[7:0]
0x00, 0x00, 0x00, 0x00
a1[25:24] a1[23:16], a1[15:8], a1[7:0]
0x00, 0x00, 0x00, 0x00
a2[25:24] a2[23:16], a2[15:8], a2[7:0]
0x00, 0x00, 0x00, 0x00
0x24
ch6_bq[2]
20
b0[25:24] b0[23:16], b0[15:8], b0[7:0]
0x00, 0x80, 0x00, 0x00
b1[25:24] b1[23:16], b1[15:8], b1[7:0]
0x00, 0x00, 0x00, 0x00
b2[25:24] b2[23:16], b2[15:8], b2[7:0]
0x00, 0x00, 0x00, 0x00
a1[25:24] a1[23:16], a1[15:8], a1[7:0]
0x00, 0x00, 0x00, 0x00
a2[25:24] a2[23:16], a2[15:8], a2[7:0]
0x00, 0x00, 0x00, 0x00
0x25
PWM MUX register
Shown in Subsection section
0x00, 0x32, 0x45, 0x10
0x26
1/G register
4
x[25:24] x[23:16], x[15:8], x[7:0]
0x00, 0x80, 0x00, 0x00
0x27
RESERVED(1)
0x28
Scale register
4
x[25:24] x[23:16], x[15:8], x[7:0]
0x00, 0x80, 0x00, 0x00
0x29–0xFD
RESERVED(1)
0xFE
Repeat subaddress
4+4N
0x00, 0x00, 0x00, 0x00
0xFF
RESERVED(1)
(1)
Reserved registers should not be accessed.
In the manual mode, the clock control register provides a way for the system microprocessor to update the data
and clock rates, based on the sample rate and associated clock frequencies. In the autodetect mode, the clocks
are determined automatically by the TAS5086. In this case, the clock control register contains the autodetected
clock status as automatically detected. Bits D7–D5 selects the sample rate. Bits D4–D2 select the MCLK
frequency. Bit D1 selects the bit clock (SCLK) frequency. Bit D0 is used in manual mode only. In this mode,
when the clocks are updated, a 1 must be written to D1 to inform the TAS5086 that the written clocks are valid.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com