Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBT Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086DBT
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086DBT Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5086DBT Datasheet HTML 31Page - Texas Instruments TAS5086DBT Datasheet HTML 32Page - Texas Instruments TAS5086DBT Datasheet HTML 33Page - Texas Instruments TAS5086DBT Datasheet HTML 34Page - Texas Instruments TAS5086DBT Datasheet HTML 35Page - Texas Instruments TAS5086DBT Datasheet HTML 36Page - Texas Instruments TAS5086DBT Datasheet HTML 37Page - Texas Instruments TAS5086DBT Datasheet HTML 38Page - Texas Instruments TAS5086DBT Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
www.ti.com
AM Mode REGISTER (0x22)
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
Table 17. Downmix Input Multiplexer Register (continued)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
–
–
–
–
–
–
–
–
Unused
–
–
–
–
–
–
–
0
Disable data from input multiplexer 1 to downmix block
–
–
–
–
–
–
1
–
Enable data from input multiplexer 2 to downmix block
–
–
–
–
–
–
0
–
Disable data from input multiplexer 2 to downmix block
–
–
–
–
–
1
–
–
Enable data from input multiplexer 3 to downmix block
–
–
–
–
–
0
–
–
Disable data from input multiplexer 3 to downmix block
–
–
–
–
1
–
–
–
Enable data from input multiplexer 4 to downmix block
–
–
–
–
0
–
–
–
Disable data from input multiplexer 4 to downmix block
–
–
–
1
–
–
–
–
Enable data from input multiplexer 5 to downmix block
–
–
–
0
–
–
–
–
Disable data from input multiplexer 5 to downmix block
See the AM Interference application note (SLEA040).
Table 18. AM Mode Register (0x22)
D20
D19
D18
D17
D16
FUNCTION
0
–
–
–
–
AM mode disabled
1
–
–
–
–
AM mode enabled
–
0
0
–
–
Select sequence 1
–
0
1
–
–
Select sequence 2
–
1
0
–
–
Select sequence 3
–
1
1
–
–
Select sequence 4
–
–
–
0
–
IF frequency = 455 kHz
–
–
–
1
–
IF frequency = 262.5 kHz
–
–
–
–
0
Use BCD tuned frequency
–
–
–
–
1
Use binary tuned frequency
Table 19. AM Tuned Frequency Register in BCD Mode
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
X
–
–
–
–
BCD frequency (1000s kHz)
–
–
–
–
–
–
–
–
–
–
–
–
X
X
X
X
BCD frequency (100s kHz)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
X
X
X
X
–
–
–
–
BCD frequency (10s kHz)
–
–
–
–
–
–
–
–
–
–
–
–
X
X
X
X
BCD frequency (1s kHz)
0
0
0
0
0
0
0
0
Default value
OR
Table 20. AM Tuned Frequency Register in Binary Mode
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
X
X
X
BCD frequency
–
–
–
–
–
–
–
–
35
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com