| Electronic Components Datasheet Search |
|
TAS5086DBT Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5086DBT Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 41 page ![]() www.ti.com DEVICE ID REGISTER (0x01) TAS5086 SLES131A – FEBRRUARY 2005 – REVISED MAY 2006 Table 1. Clock Control Register (0x00)(1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 0 – – – – – fS = 32-kHz sample rate 0 0 1 – – – – – fS = 38-kHz sample rate 0 1 0 – – – – – fS = 44.1-kHz sample rate 0 1 1 – – – – – fS = 48-kHz sample rate 1 0 0 – – – – – fS = 88.2- kHz sample rate 1 0 1 – – – – – fS = 96-kHz sample rate 1 1 0 – – – – – fS = 176.4-kHz sample rate 1 1 1 – – – – – fS = 192-kHz sample rate – – – 0 0 0 – – MCLK frequency = 64 × f S (2) – – – 0 0 1 – – MCLK frequency = 128 × f S – – – 0 1 0 – – MCLK frequency = 192 × f S – – – 0 1 1 – – MCLK frequency = 256 × f S – – – 1 0 0 – – MCLK frequency = 384 × f S – – – 1 0 1 – – MCLK frequency = 512 × f S – – – 1 1 0 – – Reserved – – – 1 1 1 – – Reserved – – – – – – 1 – Bit clock (SCLK) frequency = 48 × f S – – – – – – 0 – Bit clock (SCLK) frequency = 64 × f S – – – – – – – 0 Clock not valid (in manual mode only) – – – – – – – 1 Clock valid (in manual mode only) (1) Default values are in bold (2) Rate not available for 32-, 44.1-, 48-, 88.2-, and 96-kHz data rates The device ID register contains the ID code for the TAS5086. Table 2. General Status Register (0x01) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 Default – 0 0 0 0 0 1 1 Identification code for the TAS5086 23 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |