Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086DBT
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086DBT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5086DBT Datasheet HTML 14Page - Texas Instruments TAS5086DBT Datasheet HTML 15Page - Texas Instruments TAS5086DBT Datasheet HTML 16Page - Texas Instruments TAS5086DBT Datasheet HTML 17Page - Texas Instruments TAS5086DBT Datasheet HTML 18Page - Texas Instruments TAS5086DBT Datasheet HTML 19Page - Texas Instruments TAS5086DBT Datasheet HTML 20Page - Texas Instruments TAS5086DBT Datasheet HTML 21Page - Texas Instruments TAS5086DBT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
www.ti.com
I2C SERIAL CONTROL INTERFACE
GENERAL I2C OPERATION
7-Bit Slave Address
R/
W
8-Bit Register Address (N)
A
8-Bit Register Data For
Address (N)
Start
Stop
SDA
SCL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
A
7
6
5
4
3
2
1
0
8-Bit Register Data For
Address (N)
7
6
5
4
3
2
1
0
A
A
T0035-01
SINGLE- AND MULTIPLE-BYTE TRANSFERS
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
The TAS5086 has a bidirectional Inter IC (I2C) interface that is compatible with the I2C bus protocol and
supports both 100-kb/s and 400-kb/s data transfer rates for single- and multiple-byte write and read operations.
The control interface is used to program the registers of the device and to read device status.
The TAS5086 supports wait-state insertions by other I2C devices on the bus. However, the TAS5086 performs
all I2C operations without I2C wait cycles.
The TAS5086 supports the standard-mode I2C bus operation (100 kHz maximum) and the fast I2C bus operation
(400 kHz maximum).
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits in a
system. Data is transferred on the bus serially, one bit at a time. The address and data are transferred in byte
(8-bit) format with the most-significant bit (MSB) transferred first. In addition, each byte transferred on the bus is
acknowledged by the receiving device with an acknowledge bit. Each transfer operation begins with the master
device driving a start condition on the bus and ends with the master device driving a stop condition on the bus.
The bus uses transitions on the data terminal (SDA) while the clock is high to indicate start and stop conditions.
A high-to-low transition on SDA indicates a start and a low-to-high transition indicates a stop. Normal data-bit
transitions must occur within the low time of the clock period. These conditions are shown in Figure 14. The
master generates the 7-bit slave address and the read/write (R/W) bit to open communication with another
device and then wait for an acknowledge condition. The TAS5086 holds SDA low during acknowledge clock
period to indicate an acknowledgment. When this occurs, the master transmits the next byte of the sequence.
Each device is addressed by a unique 7-bit slave address plus R/W bit (1 byte). All compatible devices share
the same signals via a bidirectional bus using a wired-AND connection. An external pullup resistor must be used
for the SDA and SCL signals to set the HIGH level for the bus.
Figure 14. Typical I2C Sequence
An unlimited number of bytes can be transmitted between start and stop conditions. When the last word
transfers, the master generates a stop condition to release the bus. A generic data transfer sequence is shown
in Figure 14.
The 7-bit address for the TAS5086 is 0011011.
The serial control interface supports both single-byte and multiple-byte read/write operations for status registers
and the general control registers associated with the PWM. However, for the DAP data processing registers, the
serial control interface supports only multiple-byte (4-byte) read/write operations.
During multiple-byte read operations, the TAS5086 responds with data, a byte at a time, starting at the
subaddress assigned, as long as the master device continues to respond with acknowledges. If a particular
subaddress does not contain 32 bits, the unused bits are read as logic 0.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com