Electronic Components Datasheet Search
  English  ▼

X  

TAS5086DBT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5086DBT
Description  PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086DBT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5086DBT Datasheet HTML 12Page - Texas Instruments TAS5086DBT Datasheet HTML 13Page - Texas Instruments TAS5086DBT Datasheet HTML 14Page - Texas Instruments TAS5086DBT Datasheet HTML 15Page - Texas Instruments TAS5086DBT Datasheet HTML 16Page - Texas Instruments TAS5086DBT Datasheet HTML 17Page - Texas Instruments TAS5086DBT Datasheet HTML 18Page - Texas Instruments TAS5086DBT Datasheet HTML 19Page - Texas Instruments TAS5086DBT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
www.ti.com
23
22
SCLK
24 Clks
LRCLK
Left Channel
24-Bit Mode
1
19
18
20-Bit Mode
16-Bit Mode
15
14
MSB
LSB
SCLK
24 Clks
Right Channel
MSB
2-Channel Left-Justified Stereo Input (24-Bit Transfer Word Size)
T0092-02
4
5
9
8
17
16
1
4
5
13
12
1
9
8
0
0
0
21
17
13
23
22
1
19
18
15
14
4
5
9
8
17
16
1
4
5
13
12
1
9
8
0
0
0
21
17
13
LSB
Right-Justified
TAS5086
SLES131A – FEBRRUARY 2005 – REVISED MAY 2006
SERIAL INTERFACE CONTROL AND TIMING (continued)
Figure 11. Left-Justified 48-fS Format
Right-justified (RJ) timing uses LRCLK to define when the data being transmitted is for the left channel and
when it is for the right channel. LRCLK is high for the left channel and low for the right channel. A bit clock
running at 64- fS is used to clock in the data. The first bit of data appears on the data 8 bit-clock periods (for
24-bit data) after LRCLK toggles. In RJ mode, the LSB of data always is clocked by the last bit clock before
LRCLK transitions. The data is written MSB first and is valid on the rising edge of bit clock. The TAS5086 masks
unused leading data bit positions.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com