Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 113 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 113 Page - Texas Instruments

Back Button AM69 Datasheet HTML 109Page - Texas Instruments AM69 Datasheet HTML 110Page - Texas Instruments AM69 Datasheet HTML 111Page - Texas Instruments AM69 Datasheet HTML 112Page - Texas Instruments AM69 Datasheet HTML 113Page - Texas Instruments AM69 Datasheet HTML 114Page - Texas Instruments AM69 Datasheet HTML 115Page - Texas Instruments AM69 Datasheet HTML 116Page - Texas Instruments AM69 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 300 page
background image
Table 6-88. PCIE Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
PCIE3_TXN0
O
SERDES_PCIE Differential Transmit Data (negative)
AV9
PCIE3_TXN1
O
SERDES_PCIE Differential Transmit Data (negative)
AV12
PCIE3_TXP0
O
SERDES_PCIE Differential Transmit Data (positive)
AV10
PCIE3_TXP1
O
SERDES_PCIE Differential Transmit Data (positive)
AV13
PCIE_REFCLK0_N_OUT
O
SERDES_PCIE Reference Clock Negative
AP4
PCIE_REFCLK0_P_OUT
O
SERDES_PCIE Reference Clock Positive
AP5
PCIE_REFCLK1_N_OUT
O
SERDES_PCIE Reference Clock Out Negative
AN8
PCIE_REFCLK1_P_OUT
O
SERDES_PCIE Reference Clock Out Positive
AN9
PCIE_REFCLK2_N_OUT
O
SERDES_PCIE Reference Clock Out Negative
AN5
PCIE_REFCLK2_P_OUT
O
SERDES_PCIE Reference Clock Out Positive
AN6
PCIE_REFCLK3_N_OUT
O
SERDES_PCIE Reference Clock Out Negative
AP7
PCIE_REFCLK3_P_OUT
O
SERDES_PCIE Reference Clock Out Positive
AP8
6.3.20 SERDES
6.3.20.1 MAIN Domain
Table 6-89. SERDES0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES0_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AU9
SERDES0_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AU8
SERDES0_REXT (1)
I
External Calibration Resistor
AN11
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-90. SERDES1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES1_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AV3
SERDES1_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AV4
SERDES1_REXT (1)
I
External Calibration Resistor
AL9
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-91. SERDES2 Signal Descriptions
SIGNAL NAME [1] ((2))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES2_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AV21
SERDES2_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AV22
SERDES2_REXT (1)
IO
External Calibration Resistor
AL20
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
DDRSS2, DDRSS3, and SERDES2 are not available on the 27mm package variant of this SoC. DDRSS2/DDRSS3/SERDES2 should
be avoided if software compatibility is desired with systems that use the 27mm package.
Table 6-92. SERDES4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES4_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AV16
SERDES4_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AV15
SERDES4_REXT (1)
IO
External Calibration Resistor
AM19
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
www.ti.com
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com