Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 116 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 116 Page - Texas Instruments

Back Button AM69 Datasheet HTML 112Page - Texas Instruments AM69 Datasheet HTML 113Page - Texas Instruments AM69 Datasheet HTML 114Page - Texas Instruments AM69 Datasheet HTML 115Page - Texas Instruments AM69 Datasheet HTML 116Page - Texas Instruments AM69 Datasheet HTML 117Page - Texas Instruments AM69 Datasheet HTML 118Page - Texas Instruments AM69 Datasheet HTML 119Page - Texas Instruments AM69 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 300 page
background image
Table 6-97. CSI2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
CSI2_RXN2
I
CSI Differential Receive Input (negative)
AP35
CSI2_RXN3
I
CSI Differential Receive Input (negative)
AV37
CSI2_RXP0
I
CSI Differential Receive Input (positive)
AR35
CSI2_RXP1
I
CSI Differential Receive Input (positive)
AT37
CSI2_RXP2
I
CSI Differential Receive Input (positive)
AP34
CSI2_RXP3
I
CSI Differential Receive Input (positive)
AV36
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
6.3.23 MCASP
6.3.23.1 MAIN Domain
Table 6-98. MCASP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCASP0_ACLKR
IO
MCASP Receive Bit Clock
AF34
MCASP0_ACLKX
IO
MCASP Transmit Bit Clock
AK35
MCASP0_AFSR
IO
MCASP Receive Frame Sync
AE34
MCASP0_AFSX
IO
MCASP Transmit Frame Sync
AK38
MCASP0_AXR0
IO
MCASP Serial Data (Input/Output)
AF37
MCASP0_AXR1
IO
MCASP Serial Data (Input/Output)
AG37
MCASP0_AXR2
IO
MCASP Serial Data (Input/Output)
AK33
MCASP0_AXR3
IO
MCASP Serial Data (Input/Output)
AJ38
MCASP0_AXR4
IO
MCASP Serial Data (Input/Output)
AK34
MCASP0_AXR5
IO
MCASP Serial Data (Input/Output)
AG38
MCASP0_AXR6
IO
MCASP Serial Data (Input/Output)
AF36
MCASP0_AXR7
IO
MCASP Serial Data (Input/Output)
AE35
MCASP0_AXR8
IO
MCASP Serial Data (Input/Output)
AC35
MCASP0_AXR9
IO
MCASP Serial Data (Input/Output)
AG35
MCASP0_AXR10
IO
MCASP Serial Data (Input/Output)
AH36
MCASP0_AXR11
IO
MCASP Serial Data (Input/Output)
AF35
MCASP0_AXR12
IO
MCASP Serial Data (Input/Output)
AD34
MCASP0_AXR13
IO
MCASP Serial Data (Input/Output)
AJ36
MCASP0_AXR14
IO
MCASP Serial Data (Input/Output)
AF34
MCASP0_AXR15
IO
MCASP Serial Data (Input/Output)
AE34
Table 6-99. MCASP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCASP1_ACLKR
IO
MCASP Receive Bit Clock
AG38
MCASP1_ACLKX
IO
MCASP Transmit Bit Clock
AC34
MCASP1_AFSR
IO
MCASP Receive Frame Sync
AF36
MCASP1_AFSX
IO
MCASP Transmit Frame Sync
AD33
MCASP1_AXR0
IO
MCASP Serial Data (Input/Output)
AD38
MCASP1_AXR1
IO
MCASP Serial Data (Input/Output)
AC32
MCASP1_AXR2
IO
MCASP Serial Data (Input/Output)
AC37
MCASP1_AXR3
IO
MCASP Serial Data (Input/Output)
AL33
MCASP1_AXR4
IO
MCASP Serial Data (Input/Output)
AL34
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
116
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com