Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 122 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 122 Page - Texas Instruments

Back Button AM69 Datasheet HTML 118Page - Texas Instruments AM69 Datasheet HTML 119Page - Texas Instruments AM69 Datasheet HTML 120Page - Texas Instruments AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 300 page
background image
Table 6-108. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
GPMC0_AD15
IO
GPMC Data 15 Input/Output in A/D non-multiplexed
mode and additionally Address 16 Output in A/D
multiplexed mode
AE38
GPMC0_BE0n_CLE
O
GPMC Lower-Byte Enable (active low) or Command
Latch Enable
AH38
GPMC0_BE1n
O
GPMC Upper-Byte Enable (active low)
AJ38
GPMC0_CSn0
O
GPMC Chip Select 0 (active low)
AG38
GPMC0_CSn1
O
GPMC Chip Select 1 (active low)
AH37
GPMC0_CSn2
O
GPMC Chip Select 2 (active low)
AE35, AL32
GPMC0_CSn3
O
GPMC Chip Select 3 (active low)
AJ33
GPMC0_WAIT0
I
GPMC External Indication of Wait
AC33
GPMC0_WAIT1
I
GPMC External Indication of Wait
AE33
GPMC0_WAIT2
I
GPMC External Indication of Wait
AF33
GPMC0_WAIT3
I
GPMC External Indication of Wait
AD38
6.3.28 MMC
6.3.28.1 MAIN Domain
Table 6-109. MMC0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MMC0_CALPAD (1)
A
MMC/SD/SDIO Calibration Resistor
AJ7
MMC0_CLK
O
MMC/SD/SDIO Clock
AK5
MMC0_CMD
IO
MMC/SD/SDIO Command
AL8
MMC0_DS
IO
MMC Data Strobe
AK4
MMC0_DAT0
IO
MMC/SD/SDIO Data
AK9
MMC0_DAT1
IO
MMC/SD/SDIO Data
AL6
MMC0_DAT2
IO
MMC/SD/SDIO Data
AK8
MMC0_DAT3
IO
MMC/SD/SDIO Data
AK6
MMC0_DAT4
IO
MMC/SD/SDIO Data
AK7
MMC0_DAT5
IO
MMC/SD/SDIO Data
AL7
MMC0_DAT6
IO
MMC/SD/SDIO Data
AL5
MMC0_DAT7
IO
MMC/SD/SDIO Data
AK3
(1)
An external 10 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-110. MMC1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MMC1_CLK (2)
IO
MMC/SD/SDIO Clock
AB38
MMC1_CMD
IO
MMC/SD/SDIO Command
AB36
MMC1_SDCD (1)
I
SD Card Detect
AR38
MMC1_SDWP
I
SD Write Protect
AN37
MMC1_DAT0
IO
MMC/SD/SDIO Data
AA33
MMC1_DAT1
IO
MMC/SD/SDIO Data
AB34
MMC1_DAT2
IO
MMC/SD/SDIO Data
AA32
MMC1_DAT3
IO
MMC/SD/SDIO Data
AC38
(1)
For ROM boot from MMC1 interface to work properly, the MMC1_SDCD pin should be pulled low externally with a resistor to indicate
an SD Card/Memory device is present.
(2)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG171 register should be set to 0x1 because
of retiming purposes.
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
122
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com