Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 125 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM69 Datasheet HTML 121Page - Texas Instruments AM69 Datasheet HTML 122Page - Texas Instruments AM69 Datasheet HTML 123Page - Texas Instruments AM69 Datasheet HTML 124Page - Texas Instruments AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 300 page
background image
Table 6-115. Trace Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
TRC_DATA18
O
Trace Data 18
AK34
TRC_DATA19
O
Trace Data 19
AG38
TRC_DATA20
O
Trace Data 20
AF36
TRC_DATA21
O
Trace Data 21
AG34
TRC_DATA22
O
Trace Data 22
AJ35
TRC_DATA23
O
Trace Data 23
AH34
TRC_DATA24
O
Trace Data 24
AE33
TRC_DATA25
O
Trace Data 25
AL32
6.3.32 System and Miscellaneous
6.3.32.1 Boot Mode configuration
Table 6-116. Sysboot Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
BOOTMODE00
I
Bootmode Pin 0
B33
BOOTMODE01
I
Bootmode Pin 1
B32
BOOTMODE02
I
Bootmode Pin 2
D33
BOOTMODE03
I
Bootmode Pin 3
D34
BOOTMODE04
I
Bootmode Pin 4
M37
BOOTMODE05
I
Bootmode Pin 5
M36
BOOTMODE06
I
Bootmode Pin 6
N34
BOOTMODE07
I
Bootmode Pin 7
M34
MCU_BOOTMODE00
I
MCU Bootmode Pin 0
G38
MCU_BOOTMODE01
I
MCU Bootmode Pin 1
H36
MCU_BOOTMODE02
I
MCU Bootmode Pin 2
J38
MCU_BOOTMODE03
I
MCU Bootmode Pin 3
H38
MCU_BOOTMODE04
I
MCU Bootmode Pin 4
J34
MCU_BOOTMODE05
I
MCU Bootmode Pin 5
J35
MCU_BOOTMODE06
I
MCU Bootmode Pin 6
H37
MCU_BOOTMODE07
I
MCU Bootmode Pin 7
K37
MCU_BOOTMODE08
I
MCU Bootmode Pin 8
J37
MCU_BOOTMODE09
I
MCU Bootmode Pin 9
K38
6.3.32.2 Clock
Table 6-117. Clock0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
WKUP_LF_CLKIN
I
Low Frequency (32.768 KHz) Oscillator Input
M34
WKUP_OSC0_XI
I
High Frequency Oscillator Input
T38
WKUP_OSC0_XO
O
High Frequency Oscillator Output
U37
Table 6-118. Clock1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
OSC1_XI
I
High Frequency Oscillator Input
P38
OSC1_XO
O
High Frequency Oscillator Output
N37
www.ti.com
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com