Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 129 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM69 Datasheet HTML 125Page - Texas Instruments AM69 Datasheet HTML 126Page - Texas Instruments AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments AM69 Datasheet HTML 130Page - Texas Instruments AM69 Datasheet HTML 131Page - Texas Instruments AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 300 page
background image
Table 6-123. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
VDDS_DDR
PWR
DDR PHY IO Supply
A31, AK1, B1, H11, H13,
H15, H17, H19, H9, J10,
J12, J14, J16, J18, J8,
K11, K13, K15, K17, K19,
K9, L10, L12, L14, L16,
L18, M9, N10, N8, P9,
R10, R8, T9, U10, U8
VDDS_DDR_C0
PWR
IO Power Supply for DDR Clock
T10
VDDS_DDR_C1
PWR
IO Power Supply for DDR Clock
L15
VDDS_DDR_C2
PWR
IO Power Supply for DDR Clock
M10
VDDS_DDR_C3
PWR
IO Power Supply for DDR Clock
L17
VDDS_MMC0
PWR
MMC0 PHY IO Supply
AF9, AG10, AG8, AH9
VDD_CORE
PWR
MAIN domain core Supply
AA24, AA26, AA28, AA30,
AB25, AB29, AB31, AC26,
AC28, AC30, AD25,
AD27, AD29, AD31, AE24,
AE26, AE28, AE30, AE32,
AF13, AF17, AF19, AF23,
AF25, AF27, AF29, AF31,
AG12, AG14, AG16,
AG18, AG20, AG22,
AG24, AG26, AG30,
AG32, AH31, AJ30, M11,
M13, M15, M17, M19,
N12, N16, N18, P11, P17,
P19, R12, R14, R16, R18,
R24, R26, R28, T11, T13,
T27, U12, U24, U26, U28,
V25, V27, W24, W26,
W28, W30, W32, Y25,
Y29, Y31
VDD_CPU
PWR
CPU core Supply
AA10, AA12, AA14, AA20,
AA22, AA8, AB11, AB19,
AB21, AB23, AB9, AC10,
AC12, AC14, AC22,
AD11, AD13, AD15, AD17,
AD19, AD21, AD23, AD9,
AE10, AE14, AE16, AE18,
AE20, AE22, AF11, H21,
H23, J20, J22, K21, K23,
L20, L22, N20, N22, P21,
R20, R22, T17, T19, T21,
T23, U14, U22, V11, V13,
V19, V21, V23, V9, W10,
W12, W20, W22, W8,
Y13, Y21, Y23, Y9
VDD_MCU
PWR
MCU core Supply
L24, M23, M25, N26, P23,
P25, P27
VDD_MCU_WAKE1
PWR
Core Supply for MCU daisy chain
L28
VDD_WAKE0
PWR
Core Supply for MAIN domain daisy chain
U29
www.ti.com
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com