Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 131 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 131 Page - Texas Instruments

Back Button AM69 Datasheet HTML 127Page - Texas Instruments AM69 Datasheet HTML 128Page - Texas Instruments AM69 Datasheet HTML 129Page - Texas Instruments AM69 Datasheet HTML 130Page - Texas Instruments AM69 Datasheet HTML 131Page - Texas Instruments AM69 Datasheet HTML 132Page - Texas Instruments AM69 Datasheet HTML 133Page - Texas Instruments AM69 Datasheet HTML 134Page - Texas Instruments AM69 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 300 page
background image
Table 6-123. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
B38, B6, B9, C14, C17,
C18, C2, C21, C27, C30,
C4, C8, D10, D15, D20,
D23, D28, D3, D35, D6,
D7, E12, E13, E16, E19,
E2, E22, E25, E26, E29,
E31, E5, E9, F1, F11, F14,
F17, F21, F24, F27, F30,
F4, F7, F8, G15, G18,
G20, G28, G3, G6, H10,
H16, H18, H2, H20, H22,
H24, H26, H28, H30, H31,
H5, H7, H8, J1, J11, J13,
J15, J17, J19, J21, J23,
J25, J27, J29, J32, J4,
J9, K10, K12, K14, K16,
K18, K2, K20, K22, K24,
K26, K6, K8, L1, L11, L13,
L19, L21, L23, L31, L5,
L9, M16, M2, M20, M22,
M24, M29, M30, M32, M5,
M8, N15, N17, N19, N21,
N25, N3, N31, N32, N38,
N6, N9, P1, P10, P16,
P18, P20, P22, P24, P26,
P30, P32, P35, P37, P4,
P7, P8, R11, R13, R15,
R17, R19, R2, R23, R25,
R27, R32, R34, R36, R38,
R5, R9, T12, T14, T16,
T18, T20, T22, T24, T26,
T28, T3, T31, T33, T35,
T37, T6, T8, U13, U19,
U21, U23, U25, U27, U3,
U30, U32, U34, U36, U38,
U6, U9, V10, V12, V2,
V20, V22, V24, V26, V28,
V31, V33, V35, V37, V5,
V8, W1, W11, W13, W19,
W25, W27, W29, W34,
W36, W38, W4, W7, W9,
Y10, Y12, Y14, Y20, Y22,
Y24, Y3, Y30, Y32, Y33,
Y35, Y37, Y6, Y8
(1)
This pin must always be connected via a 1-μF ±10% capacitor to VSS.
6.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
and unused package balls.
Note
All power balls must be supplied with the voltages specified in the Recommended Operating
Conditions section, unless otherwise specified in Signal Descriptions.
Note
For additional clarification, "leave unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball number.
Table 6-124 shows the connectivity requirements for specific signals by ball name and ball number.
www.ti.com
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
131
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com