Electronic Components Datasheet Search
  English  ▼

X  

DFE252012C Datasheet(PDF) 3 Page - Texas Instruments

Part # DFE252012C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE252012C Datasheet(HTML) 3 Page - Texas Instruments

  DFE252012C Datasheet HTML 1Page - Texas Instruments DFE252012C Datasheet HTML 2Page - Texas Instruments DFE252012C Datasheet HTML 3Page - Texas Instruments DFE252012C Datasheet HTML 4Page - Texas Instruments DFE252012C Datasheet HTML 5Page - Texas Instruments DFE252012C Datasheet HTML 6Page - Texas Instruments DFE252012C Datasheet HTML 7Page - Texas Instruments DFE252012C Datasheet HTML 8Page - Texas Instruments DFE252012C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
5 Description (continued)
TPS6128xD/E device supports more than 4 A pulsed load current even from a deeply discharged battery. In this
mode of operation, the TPS6128xD/E enables the use of the full battery capacity: A high battery-cut-off voltage
originated by powered components with a high minimum input voltage is overcome; new battery chemistries can
be fully discharged; high current pulses forcing the system into shutdown are buffered by the device seamlessly
transitioning between boost and by-pass mode back and forth.
This has significant impact on the battery on-time and translates into either a longer use-time and better
user-experience at an equal battery capacity or into reduced battery costs at similar use-times.
The TPS6128xD/E offers a small solution size (< 20 mm2) due to minimum amount of external components,
enabling the use of small inductors and input capacitors, available as a 16-pin chip-scale package (CSP).
The TPS6128xD/E operates in synchronous, 2.3 MHz boost mode and enters power-save mode operation
(PFM) at light load currents to maintain high efficiency over the entire load current range.
6 Device Comparison Table
PART NUMBER
DEVICE
SPECIFIC FEATURES
TPS61280D
I2C Control Interface
User Prog. E2PROM Settings
DC/DC boost / bypass threshold = 3.15 V (VSEL = L)
DC/DC boost / bypass threshold = 3.35 V (VSEL = H)
Valley inductor current limit = 3 A
GPIO pin default configuration is RST/FAULT input/output
TPS61281D
Simple Logic Control Interface
DC/DC boost / bypass threshold = 3.15 V (VSEL = L)
DC/DC boost / bypass threshold = 3.35 V (VSEL = H)
Valley inductor current limit = 3 A
GPIO pin default configuration is RST/FAULT input/output
TPS61282D
Simple Logic Control Interface
DC/DC boost / bypass threshold = 3.3 V (VSEL = L)
DC/DC boost / bypass threshold = 3.5 V (VSEL = H)
Valley inductor current limit = 4 A
GPIO pin default configuration is RST/FAULT input/output
TPS61280E
I2C Control Interface
Support 1.2 V I/O
DC/DC boost / bypass threshold = 3.4 V (VSEL = L)
DC/DC boost / bypass threshold = 3.45 V (VSEL = H)
Valley inductor current limit = 5 A
I/O logic Low/High: 0.36V / 0.84V
GPIO pin default configuration is mode selection input
www.ti.com
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com