Electronic Components Datasheet Search
  English  ▼

X  

DFE252012C Datasheet(PDF) 35 Page - Texas Instruments

Part # DFE252012C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE252012C Datasheet(HTML) 35 Page - Texas Instruments

Back Button DFE252012C Datasheet HTML 31Page - Texas Instruments DFE252012C Datasheet HTML 32Page - Texas Instruments DFE252012C Datasheet HTML 33Page - Texas Instruments DFE252012C Datasheet HTML 34Page - Texas Instruments DFE252012C Datasheet HTML 35Page - Texas Instruments DFE252012C Datasheet HTML 36Page - Texas Instruments DFE252012C Datasheet HTML 37Page - Texas Instruments DFE252012C Datasheet HTML 38Page - Texas Instruments DFE252012C Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
9.6.9 Status Register [reset = 0x05]
Memory location: 0x05
Figure 9-18. Status Register
7
6
5
4
3
2
1
0
TSD
HOTDIE
DCDCMODE
OPMODE
ILIMPT
ILIMBST
FAULT
PGOOD
R
R
R
R
R
R
R
R
Stored in E2
N
N
N
N
N
N
N
N
Table 9-8. Status Register Field Descriptions
Bit
Field
Type
Reset
Description
7
TSD
R
0
Thermal shutdown status bit.
0: Normal operation.
1: Thermal shutdown tripped. This flag is reset after readout.
6
HOTDIE
R
0
Instantaneous die temperature bit.
0: TJ < 115°C.
1: TJ > 115°C.
5
DCDCMODE
R
0
DC/DC mode of operation status bit.
1: Device operates in PFM mode.
0: Device operates in PWM mode.
4
OPMODE
R
0
Device mode of operation status bit.
0: Device operates in pass-through mode.
1: Device operates in dc/dc mode.
3
ILIMPT
R
0
Current limit status bit (pass-through mode).
0: Normal operation.
1: Indicates that the bypass FET current limit has triggered. This
flag is reset after readout.
2
ILIMBST
R
0
Current limit status bit (dc/dc boost mode).
0: Normal operation.
1: Indicates that the average input current limit has triggered for
1.5ms in dc/dc boost mode. This flag is reset after readout.
1
FAULT
R
0
FAULT status bit.
0: Normal operation.
1: Indicates that a fault condition has occurred. This flag is reset
after readout.
0
PGOOD
R
0
Power Good status bit.
0: Indicates the output voltage is out of regulation.
1: Indicates the output voltage is within its nominal range. This
bit is set if the converter is forced in pass-through mode.
www.ti.com
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com