Electronic Components Datasheet Search
  English  ▼

X  

DFE252012C Datasheet(PDF) 9 Page - Texas Instruments

Part # DFE252012C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE252012C Datasheet(HTML) 9 Page - Texas Instruments

Back Button DFE252012C Datasheet HTML 5Page - Texas Instruments DFE252012C Datasheet HTML 6Page - Texas Instruments DFE252012C Datasheet HTML 7Page - Texas Instruments DFE252012C Datasheet HTML 8Page - Texas Instruments DFE252012C Datasheet HTML 9Page - Texas Instruments DFE252012C Datasheet HTML 10Page - Texas Instruments DFE252012C Datasheet HTML 11Page - Texas Instruments DFE252012C Datasheet HTML 12Page - Texas Instruments DFE252012C Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
8.6 I2C Interface Timing Characteristics(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
f(SCL)
SCL Clock Frequency
Standard mode
100
kHz
Fast mode
400
kHz
Fast mode plus
1
MHz
High-speed mode (write operation), CB – 100 pF max
3.4
MHz
High-speed mode (read operation), CB – 100 pF max
3.4
MHz
High-speed mode (write operation), CB – 400 pF max
1.7
MHz
High-speed mode (read operation), CB – 400 pF max
1.7
MHz
tBUF
Bus Free Time Between a STOP and
START Condition
Standard mode
4.7
μs
Fast mode
1.3
μs
Fast mode plus
0.5
μs
tHD, tSTA
Hold Time (Repeated) START
Condition
Standard mode
4
μs
Fast mode
600
ns
Fast mode plus
260
ns
High-speed mode
160
ns
tLOW
LOW Period of the SCL Clock
Standard mode
4.7
μs
Fast mode
1.3
μs
Fast mode plus
0.5
μs
High-speed mode, CB – 100 pF max
160
ns
High-speed mode, CB – 400 pF max
320
ns
tHIGH
HIGH Period of the SCL Clock
Standard mode
4
μs
Fast mode
600
ns
Fast mode plus
260
ns
High-speed mode, CB – 100 pF max
60
ns
High-speed mode, CB – 400 pF max
120
ns
tSU, tSTA
Setup Time for a Repeated START
Condition
Standard mode
4.7
μs
Fast mode
600
ns
Fast mode plus
260
ns
High-speed mode
160
ns
tSU, tDAT
Data Setup Time
Standard mode
250
ns
Fast mode
100
ns
Fast mode plus
50
ns
High-speed mode
10
ns
tHD, tDAT
Data Hold Time
Standard mode
0
3.45
μs
Fast mode
0
0.9
μs
Fast mode plus
0
μs
High-speed mode, CB – 100 pF max
0
70
ns
High-speed mode, CB – 400 pF max
0
150
ns
tRCL
Rise Time of SCL Signal
Standard mode
1000
ns
Fast mode
20 + 0.1 CB
300
ns
Fast mode plus
120
ns
High-speed mode, CB – 100 pF max
10
40
ns
High-speed mode, CB – 400 pF max
20
80
ns
tRCL1
Rise Time of SCL Signal After a
Repeated START Condition and After an
Acknowledge BIT
Standard mode
20 + 0.1 CB
1000
ns
Fast mode
20 + 0.1 CB
300
ns
Fast mode plus
120
ns
High-speed mode, CB – 100 pF max
10
80
ns
High-speed mode, CB – 400 pF max
20
160
ns
www.ti.com
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com