Electronic Components Datasheet Search
  English  ▼

X  

DFE252012C Datasheet(PDF) 60 Page - Texas Instruments

Part # DFE252012C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE252012C Datasheet(HTML) 60 Page - Texas Instruments

Back Button DFE252012C Datasheet HTML 55Page - Texas Instruments DFE252012C Datasheet HTML 56Page - Texas Instruments DFE252012C Datasheet HTML 57Page - Texas Instruments DFE252012C Datasheet HTML 58Page - Texas Instruments DFE252012C Datasheet HTML 59Page - Texas Instruments DFE252012C Datasheet HTML 60Page - Texas Instruments DFE252012C Datasheet HTML 61Page - Texas Instruments DFE252012C Datasheet HTML 62Page - Texas Instruments DFE252012C Datasheet HTML 63Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.30
0.12
1.2
TYP
1.2 TYP
0.4 TYP
0.4 TYP
16X
0.3
0.2
B
E
A
D
DSBGA - 0.625 mm max height
YFF0016
DIE SIZE BALL GRID ARRAY
4219386/A 05/2016
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
B
1
2
3
0.015
C A B
SYMM
SYMM
A
C
D
4
SCALE 8.000
D: Max =
E: Max =
1.696 mm, Min =
1.696 mm, Min =
1.636 mm
1.636 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com