Electronic Components Datasheet Search
  English  ▼

X  

DFE252012C Datasheet(PDF) 4 Page - Texas Instruments

Part # DFE252012C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE252012C Datasheet(HTML) 4 Page - Texas Instruments

  DFE252012C Datasheet HTML 1Page - Texas Instruments DFE252012C Datasheet HTML 2Page - Texas Instruments DFE252012C Datasheet HTML 3Page - Texas Instruments DFE252012C Datasheet HTML 4Page - Texas Instruments DFE252012C Datasheet HTML 5Page - Texas Instruments DFE252012C Datasheet HTML 6Page - Texas Instruments DFE252012C Datasheet HTML 7Page - Texas Instruments DFE252012C Datasheet HTML 8Page - Texas Instruments DFE252012C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
7 Pin Configuration and Functions
1
2
3
4
A
B
C
D
Not to scale
EN
GPIO
VIN
VIN
VSEL
SCL
VOUT
VOUT
nBYP
SDA
SW
SW
AGND
PGND
PGND
PGND
Figure 7-1. TPS61280D/E YFF Package 16-Bump
DSBGA Top View
1
2
3
4
D
C
B
A
Not to scale
AGND
PGND
PGND
PGND
nBYP
SDA
SW
SW
VSEL
SCL
VOUT
VOUT
EN
GPIO
VIN
VIN
Figure 7-2. TPS61280D/E YFF Package 16-Bump
DSBGA Bottom View
Table 7-1. Pin Functions, TPS61280D/E
PIN
I/O
DESCRIPTION
NAME
NO.
VIN
A3, A4
I
Power supply input.
VOUT
B3, B4
O
Boost converter output.
EN
A1
I
This is the enable pin of the device. On the rising edge of the enable pin, all the registers are reset with their default
values. This input must not be left floating and must be terminated.
EN = Low: The device is forced into shutdown mode and the I2C control interface is disabled. Depending on the
logic level applied to the nBYP input, the converter can either be forced in pass-through mode or it's output can be
regulated to a minimum level so as to limit the input-to-output voltage difference to less than 3.6V (typ). The current
consumption is reduced to a few µA. For more details, refer to Table 9-2.
EN = High: The device is operating normally featuring automatic dc/dc boost, pass-through mode transition. For more
details, refer to Table 9-2.
GPIO
A2
I/O
This pin can either be configured as a input (mode selection) or as dual role input/open-drain output RST/ FAULT )
pin. For TPS61280D, default configuration is RST/ FAULT input/output. For TPS61280E, default configuration is
mode selection input. The input must not be left floating and must be terminated.
Manual Reset Input: Drive RST/ FAULT low to initiate a reset of the converter's output. nRST/nFAULT controls a
falling edge-triggered sequence consisting of a discharge phase of the capacitance located at the converter's output
followed by a start-up phase.
Fault Output (open-drain interrupt signal to host): Indicates that a fault has occurred (e.g. thermal shutdown, output
voltage out of limits, current limit triggered, and so on). To signal such an event, the device generates a falling
edge-triggered interrupt by driving a negative pulse onto the GPIO line and then releases the line to its inactive state.
Mode selection input = Low: The device is operating in regulated frequency pulse width modulation mode (PWM) at
high-load currents and in pulse frequency modulation mode (PFM) at light load currents.
Mode selection input = High: Low-noise mode enabled, regulated frequency PWM operation forced.
VSEL
B1
I
VSEL signal is primarily used to set the output voltage dc/dc boost, pass-through threshold. This pin must not be left
floating and must be terminated.
nBYP
C1
I
A logic low level on the BYP input forces the device in pass-through mode. This pin must not be left floating and must
be terminated.
SCL
B2
I
Serial interface clock line. This pin must not be left floating and must be terminated.
SDA
C2
I/O
Serial interface address/data line. This pin must not be left floating and must be terminated.
SW
C3, C4
I/O
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of the inductor.
PGND
D2, D3, D4
Power ground pin.
AGND
D1
Analog ground pin. This is the signal ground reference for the IC.
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com