Electronic Components Datasheet Search
  English  ▼

X  

DFE252012C Datasheet(PDF) 49 Page - Texas Instruments

Part # DFE252012C
Description  TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DFE252012C Datasheet(HTML) 49 Page - Texas Instruments

Back Button DFE252012C Datasheet HTML 45Page - Texas Instruments DFE252012C Datasheet HTML 46Page - Texas Instruments DFE252012C Datasheet HTML 47Page - Texas Instruments DFE252012C Datasheet HTML 48Page - Texas Instruments DFE252012C Datasheet HTML 49Page - Texas Instruments DFE252012C Datasheet HTML 50Page - Texas Instruments DFE252012C Datasheet HTML 51Page - Texas Instruments DFE252012C Datasheet HTML 52Page - Texas Instruments DFE252012C Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
3.395
3.43
3.465
3.5
3.535
3.57
3.605
3.64
0.0001
0.001
0.01
0.1
1
2
Current (A)
V
= 2.5V
IN
V
IN = 2.7V
V
IN = 2.9V
V
IN = 3.1V
VOUT = 3.5 V
Mode = Low
Figure 10-28. TPS61282D DC Output Voltage vs
Output Current
3.395
3.43
3.465
3.5
3.535
3.57
1.8
2.2
2.6
3
3.4
3.8
Current (A)
V
= 2.5V
IN
V
IN = 2.7V
V
IN = 2.9V
V
IN = 3.1V
V
IN = 3.2V
V
IN = 3.4V
VOUT = 3.5 V
Mode = Low
Figure 10-29. TPS61282D DC Output Voltage vs
Output Current
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
4.5
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
Input Voltage (V)
I
= 1mA
OUT
I
OUT = 100mA
I
OUT = 1000mA
I
OUT = 2000mA
VOUT = 3.3 V
VSEL = Low
Mode = Low
Figure 10-30. TPS61282D DC Output Voltage vs
Input Voltage
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
Input Voltage(V)
Iout=1mA
Iout=100mA
Iout=1000mA
Iout=2000mA
C013
I
OUT = 1mA
I
OUT = 100mA
I
OUT = 1000mA
I
OUT = 2000mA
VOUT = 3.5 V
VSEL = High
Mode = Low
Figure 10-31. TPS61282D DC Output Voltage vs
Input Voltage
Figure 10-32. Boost to Pass-Through Mode Exit /
Entry
Figure 10-33. TPS61282D Dynamic Voltage
Management (VSEL) Load Current 50mA
www.ti.com
TPS61280D, TPS61281D, TPS61282D,, TPS61280E
SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com