Electronic Components Datasheet Search
  English  ▼

X  

MPQ9842 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MPQ9842 Datasheet HTML 1Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 2Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 3Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 4Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 5Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 6Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 7Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 8Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
4
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
1
2
3
PHASE
VIN
SW
4
PGND
13
14
15
16
AGND
SS
FB
FREQ
5
6
7
8
EN
SYNC
PG
BIAS
9
10
11
12
PGND
SW
BST
VCC
QFN-16 (3mmx4mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .......................-0.3V to 40V
Switch voltage (VSW) ............. -0.3V to VIN + 0.3V
BST voltage (VBST) ............................ VSW + 6.5V
EN voltage (VEN) .............................-0.3V to 40V
BIAS voltage (VBIAS) ........................-0.3V to 20V
All other pins .....................................-0.3V to 6V
Continuous power dissipation (TA = +25°C) (2)(5)
QFN-16 (3mmx4mm) ................................. 2.9W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature .................. -65°C to 150°C
Electrostatic Discharge (ESD) Ratings
Human body model (HBM)......................... ±2kV
Charged device model (CDM).................. ±750V
Recommended Operating Conditions
Supply voltage (VIN) ........................ 3.3V to 36V
Operating junction temp. (TJ) (3)………………….
…………………………………...-40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN-16 (3mmx4mm)
JESD51-7 .............................. 48....... 11..°C/W(4)
EV9842-L-00A
……........….…43.........5..°C/W(5)
NOTES:
1) Absolute maximum ratings are rated under room temperature
unless
otherwise noted.
Exceeding these ratings
may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ(MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, and the regulator may go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) Mission profiles requiring operation above 125°C TJ may be
supported; contact MPS for details.
4) Measured on JESD51-7, 4-layer PCB. The values given in
this table are only valid for comparison with other packages
and cannot be used for design purposes. These values were
calculated in accordance with JESD51-7, and simulated on a
specified
JEDEC
board.
They
do
not
represent
the
performance obtained in an actual application, the value of
θ
JC
shows the thermal resistance from junction-to-case bottom.
5) Measured on an MPS
EVB: 6.35cmx6.35cm, 2oz. copper
thickness, 4-
layer PCB, the value of θ
JC shows the thermal
resistance from junction-to-case top.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com