Electronic Components Datasheet Search
  English  ▼

X  

MPQ9842 Datasheet(PDF) 29 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 29 Page - MPS Industries, Inc.

Back Button MPQ9842 Datasheet HTML 25Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 26Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 27Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 28Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 29Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 30Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 31Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 32Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 33Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
29
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
10μF
C1A
0.1μF
C1C
100kΩ
R1
0.1μF
C5
10μH
L1
22μF
C2A
3.3V/2A
EN
VOUT
10μF
C1B
SW
3, 10
EN
5
VIN
2
FB
15
VCC
12
BST
11
PGND
PG
7
U1
1μF
C4
100kΩ
R5
PG
GND
13kΩ
R4
VIN
GND
3.3V-36V
MPQ9842
14
SS
AGND
41.2kΩ
R3
16
FREQ
BIAS
SYNC
6
PHASE
1
8
4.7nF
C3
R2
SYNC
PHASE
169kΩ
22μF
C2B
10pF
C6
0.1μF
C1D
C7
NS
R6
NS
Figure 8: VOUT = 3.3V, fSW = 500kHz
10μF
C1A
0.1μF
C1C
100kΩ
R1
0.1μF
C5
10μH
L1
22μF
C2A
5V/2A
EN
VOUT
10μF
C1B
SW
3, 10
EN
5
VIN
2
FB
15
VCC
12
BST
11
PGND
PG
7
U1
1μF
C4
100kΩ
R5
PG
GND
13kΩ
R4
VIN
GND
3.3V-36V
MPQ9842
14
SS
AGND
68.1kΩ
R3
16
FREQ
BIAS
SYNC
6
PHASE
1
8
4.7nF
C3
R2
SYNC
PHASE
169kΩ
22μF
C2B
10pF
C6
0.1μF
C1D
C7
0.1µF
R6
10Ω
Figure 9: VOUT = 5V, fSW = 500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com