Electronic Components Datasheet Search
  English  ▼

X  

MPQ9842 Datasheet(PDF) 20 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 20 Page - MPS Industries, Inc.

Back Button MPQ9842 Datasheet HTML 16Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 17Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 18Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 19Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 20Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 21Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 22Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 23Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 24Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
20
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
BLOCK DIAGRAM
Oscillator
PLL
Reference
Error Amplifier
Control Logic,
OCP,
OTP,
BST Refresh
FB
PGND
SW
BST
VIN
EN
PG
90%xVREF
ISW
+
+
-
SS
+
-
VREF
VCC
VFB
VFB
VCC
VCC
VCC
Regulator
IREVERSE
BIAS
FREQ
SYNC
PHASE
AGND
VC
R1
460k
Ω
C1
52pF
C2
0.2pF
VCC
VREF
+
-
VFB
110%xVREF
Logic
Figure 1-1: Functional Block Diagram of Output Adjustable Version
Oscillator
PLL
Reference
Error Amplifier
Control Logic,
OCP,
OTP,
BST Refresh
FB
PGND
SW
BST
VIN
EN
PG
90%xVREF
ISW
+
+
-
SS
+
-
VREF
VCC
VFB
VFB
VCC
VCC
VCC
Regulator
IREVERSE
BIAS
FREQ
SYNC
PHASE
AGND
VC
R1
460kΩ
C1
52pF
C2
0.2pF
VCC
VREF
+
-
VFB
110%xVREF
Logic
R2
R3
360kΩ
R2 is 1125kΩ for 3.3V fixed output, 1890kΩ for 5V fixed output.
Figure 1-2: Functional Block Diagram of Fixed Output Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com