Electronic Components Datasheet Search
  English  ▼

X  

MPQ9842 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MPQ9842
Description  36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ9842 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MPQ9842 Datasheet HTML 12Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 13Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 14Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 15Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 16Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 17Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 18Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 19Page - MPS Industries, Inc. MPQ9842 Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
MPQ9842
– 36V, 2A, LOW IQ, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ9842 Rev. 1.1
www.MonolithicPower.com
16
7/29/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, L = 10μH, fSW = 500kHz, AAM, TA = +25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com